Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML2002 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # AML2002
Description  NPN Epitaxial Planar Silicon Transistor LED Back Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

AML2002 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  AML2002 Datasheet HTML 1Page - Sanyo Semicon Device AML2002 Datasheet HTML 2Page - Sanyo Semicon Device AML2002 Datasheet HTML 3Page - Sanyo Semicon Device AML2002 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AML2002
No. A1837-2/4
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=100V, IE=0A
1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
1
μA
DC Current Gain
hFE
VCE=5V, IC=100mA
200
560
Gain-Bandwidth Product
fT
VCE=10V, IC=100mA
120
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
9
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=0.35A, IB=35mA
125
220
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=0.35A, IB=35mA
0.82
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
220
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
200
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
8
V
Turn-On Time
ton
See specified Test Circuit.
50
ns
Storage Time
tstg
See specified Test Circuit.
2
μs
Fall Time
tf
See specified Test Circuit.
70
ns
Switching Time Test Circuit
RB
VCC=100V
IC=10IB1= --10IB2=0.3A
+
50Ω
INPUT
OUTPUT
RL
820μF
PW=50μs
IB1
D.C.≤1%
IB2
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
hFE -- IC
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A
IT15964
0
1.0
0.2
0.1
0.4
0.3
0.6
0.5
0.8
0.9
0.7
0
0.1
0.7
0.6
0.5
0.4
0.3
0.2
0.8
0.9
1.0
IB=0mA
2mA
4mA
6mA
8mA
10mA
20mA
30mA
40mA
50mA
60mA
80mA
IT15965
010
1
456789
3
2
0
0.02
0.14
0.12
0.10
0.08
0.06
0.04
0.16
0.18
0.20
IB=0μA
200
μA
100
μA
300
μA
400
μA
500
μA
100mA
600
μA
700
μA
IT15967
2
10
100
1.0
3
5
7
2
3
5
7
1000
2
3
5
7
0.01
3
25
0.1
1.0
73
25
7
Ta=75
°C
25
°C
VCE=5V
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
IT15966
0.4
0.3
0.1
0.2
0.9
0.8
0.7
0.6
0.5
1.0
VCE=5V
--25
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com