Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML2002 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # AML2002
Description  NPN Epitaxial Planar Silicon Transistor LED Back Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

AML2002 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  AML2002 Datasheet HTML 1Page - Sanyo Semicon Device AML2002 Datasheet HTML 2Page - Sanyo Semicon Device AML2002 Datasheet HTML 3Page - Sanyo Semicon Device AML2002 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AML2002
No. A1837-3/4
Cob -- VCB
VBE(sat) -- IC
VCE(sat) -- IC
VCE(sat) -- IC
hFE -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
fT -- IC
Collector-to-Emitter Voltage, VCE -- V
A S O
IT15956
10
1.0
3
5
7
2
100
3
5
7
2
100
3
5
7
2
0.01
3
25
7
3
25
7
1.0
0.1
Ta=25
°C
0.5V
2.0V
1.0V
0.1
1.0
23
5 7
2
10
100
35 7
2
35 7
5
3
2
7
10
5
7
100
1.0
3
2
IT15969
0.1
0.01
7
5
3
27
5
3
2
1.0
IT15970
1.0
0.1
2
3
5
7
IT15972
0.1
0.01
7
5
3
2
1.0
7
5
3
2
0.1
1.0
0.01
2
3
5
7
2
3
5
7
Ta=75
°C
25°
C
--25°
C
IC / IB=10
IC / IB=10
Ta= --25°C
75°C
IT15968
0.01
0.1
23
5
7
23
5
1.0
7
5
3
10
2
7
100
1000
7
5
3
2
VCE=10V
IT15971
0.1
0.01
7
5
3
2
1.0
7
5
3
2
0.1
10
0.01
2
3
5
7
1.0
2
3
5
7
2
3
5
7
Ta=75
°C
25°C
--25°C
IC / IB=20
f=1MHz
25°C
Collector-to-Emitter Voltage, VCE -- V
A S O
IT16012
0.001
0.01
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
0.1
10
1.0
1.0
0.01
2
2
5
370.1 2
5
37
1000
25
37
10
25
37
100
5
37
ICP=2A
IC=0.7A
100ms
1ms
<10μs
IT16013
0.001
0.01
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
0.1
10
1.0
1.0
0.01
2
2
5
370.1 2
5
37
1000
25
37
10
25
37
100
5
37
ICP=2A
IC=0.7A
1ms
<10μs
100ms
10ms
Ta=25
°C
Single pulse
Tc=25
°C
Single pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com