Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMS3003 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # BMS3003
Description  P-Channel Silicon MOSFET General-Purpose Switching Device Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

BMS3003 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  BMS3003 Datasheet HTML 1Page - Sanyo Semicon Device BMS3003 Datasheet HTML 2Page - Sanyo Semicon Device BMS3003 Datasheet HTML 3Page - Sanyo Semicon Device BMS3003 Datasheet HTML 4Page - Sanyo Semicon Device BMS3003 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BMS3003
No. A1907-1/5
Features
•
ON-resistance RDS(on)1=5.0mΩ (typ.)
•
Input capacitance Ciss=13200pF (typ.)
•
4V drive
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--60
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--78
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--312
A
Allowable Power Dissipation
PD
2.0
W
Tc=25°C40
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *1
EAS
420
mJ
Avalanche Current *2
IAV
--60
A
Note :
*1 VDD=--36V, L=100μH, IAV=--60A (Fig.1)
*2 L≤100μH, Single pulse
Package Dimensions
unit : mm (typ)
7525-002
D2210QA TKIM TC-00002546
SANYO Semiconductors
DATA SHEET
BMS3003
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Ordering number : ENA1907
Product & Package Information
• Package
: TO-220ML(LS)
• JEITA, JEDEC
: SC-67, SOT-186A
• Minimum Packing Quantity : 100 pcs./bag or 50pcs./magazine
Marking
Electrical Connection
1
3
2
1 : Gate
2 : Drain
3 : Source
SANYO : TO-220ML(LS)
0.75
0.7
12 3
10.0
1.2
1.6
2.55
2.55
4.5
2.8
3.2
MS3003
LOT No.


Similar Part No. - BMS3003

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
BMS3003 SANYO-BMS3003 Datasheet
385Kb / 7P
General-Purpose Switching Device Applications
logo
ON Semiconductor
BMS3003 ONSEMI-BMS3003 Datasheet
83Kb / 5P
P-Channel Power MOSFET
April, 2014
BMS3003-1E ONSEMI-BMS3003-1E Datasheet
83Kb / 5P
P-Channel Power MOSFET
April, 2014
logo
Sanyo Semicon Device
BMS3003 SANYO-BMS3003_12 Datasheet
385Kb / 7P
General-Purpose Switching Device Applications
More results

Similar Description - BMS3003

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3322 SANYO-MCH3322 Datasheet
38Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3374 SANYO-MCH3374 Datasheet
55Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6325 SANYO-MCH6325 Datasheet
58Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6331 SANYO-MCH6331 Datasheet
60Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6337 SANYO-MCH6337 Datasheet
60Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6655 SANYO-MCH6655 Datasheet
60Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2311 SANYO-SCH2311 Datasheet
59Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1303 SANYO-EMH1303 Datasheet
59Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4306C SANYO-EC4306C Datasheet
58Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4309C SANYO-EC4309C Datasheet
58Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com