Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMS3003 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # BMS3003
Description  P-Channel Silicon MOSFET General-Purpose Switching Device Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

BMS3003 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  BMS3003 Datasheet HTML 1Page - Sanyo Semicon Device BMS3003 Datasheet HTML 2Page - Sanyo Semicon Device BMS3003 Datasheet HTML 3Page - Sanyo Semicon Device BMS3003 Datasheet HTML 4Page - Sanyo Semicon Device BMS3003 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BMS3003
No. A1907-2/5
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--60
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--60V, VGS=0V
--10
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.6
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--39A
130
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--39A, VGS=--10V
5.0
6.5
RDS(on)2
ID=--39A, VGS=--4V
6.5
9.0
Input Capacitance
Ciss
VDS=--20V, f=1MHz
13200
pF
Output Capacitance
Coss
1300
pF
Reverse Transfer Capacitance
Crss
950
pF
Turn-ON Delay Time
td(on)
See Fig.2
90
ns
Rise Time
tr
360
ns
Turn-OFF Delay Time
td(off)
1200
ns
Fall Time
tf
680
ns
Total Gate Charge
Qg
VDS=--36V, VGS=--10V, ID=--78A
285
nC
Gate-to-Source Charge
Qgs
35
nC
Gate-to-Drain “Miller” Charge
Qgd
70
nC
Diode Forward Voltage
VSD
IS=--78A, VGS=0V
--0.95
--1.5
V
Reverse Recovery Time
trr
See Fig.3
IS=--78A, VGS=0V, di/dt=--100A/μs
150
ns
Reverse Recovery Charge
Qrr
470
nC
Fig.1 Avalanche Resistance Test Circuit
Fig.2 Switching Time Test Circuit
Fig.3 Reverse Recovery Time Test Circuit
50Ω
0V
--10V
≥50Ω
RG
VDD
L
BMS3003
G
S
D
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --39A
RL=0.92Ω
VDD= --36V
VOUT
VIN
0V
--10V
VIN
BMS3003
VDD
BMS3003
L
Driver MOSFET
G
S
D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com