Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4600IV Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4600IV
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600IV Datasheet(HTML) 1 Page - Linear Technology

  LTM4600IV Datasheet HTML 1Page - Linear Technology LTM4600IV Datasheet HTML 2Page - Linear Technology LTM4600IV Datasheet HTML 3Page - Linear Technology LTM4600IV Datasheet HTML 4Page - Linear Technology LTM4600IV Datasheet HTML 5Page - Linear Technology LTM4600IV Datasheet HTML 6Page - Linear Technology LTM4600IV Datasheet HTML 7Page - Linear Technology LTM4600IV Datasheet HTML 8Page - Linear Technology LTM4600IV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM4600
1
4600fc
LOAD CURRENT (A)
0
50
60
70
6
4600 TA01b
40
30
20
24
8
80
90
100
10
1.2VOUT
1.5VOUT
2.5VOUT
3.3VOUT
10A High Efficiency
DC/DC µModule
The LTM®4600 is a complete 10A, DC/DC step down power
supply. Included in the package are the switching control-
ler, power FETs, inductor, and all support components.
Operating over an input voltage range of 4.5V to 20V, the
LTM4600 supports an output voltage range of 0.6V to 5V,
set by a single resistor. This high efficiency design delivers
10A continuous current (14A peak), needing no heat sinks
or airflow to meet power specifications. Only bulk input
and output capacitors are needed to finish the design.
The low profile package (2.8mm) enables utilization of
unused space on the bottom of PC boards for high density
point of load regulation. High switching frequency and an
adaptive on-time current mode architecture enables a very
fast transient response to line and load changes without
sacrificing stability. Fault protection features include
integrated overvoltage and short circuit protection with
a defeatable shutdown timer. A built-in soft-start timer is
adjustable with a small capacitor.
The LTM4600 is packaged in a thermally enhanced, compact
(15mm × 15mm) and low profile (2.8mm) over-molded
Land Grid Array (LGA) package suitable for automated
assembly by standard surface mount equipment. The
LTM4600 is Pb-free and RoHS compliant.
n Telecom and Networking Equipment
n Servers
n Industrial Equipment
n Point of Load Regulation
n Complete Switch Mode Power Supply
n Wide Input Voltage Range: 4.5V to 20V
n 10A DC, 14A Peak Output Current
n Parallel Two μModule™ DC/DC Converters for 20A
Output Current
n 0.6V to 5V Output Voltage
n 1.5% Output Voltage Regulation
n Ultrafast Transient Response
n Current Mode Control
n Pb-Free (e4) RoHS Compliant Package with Gold-
Pad Finish
n Up to 92% Efficiency
n Programmable Soft-Start
n Output Overvoltage Protection
n Optional Short-Circuit Shutdown Timer
n Small Footprint, Low Profile (15mm × 15mm ×
2.8mm) Surface Mount LGA Package
10A μModule Power Supply with 4.5V to 20V Input
Efficiency vs Load Current
with 12VIN (FCB = 0)
VIN
CIN
4600 TA01a
LTM4600
PGND SGND
VOUT
VOSET
VIN
4.5V TO 20V
VOUT
1.5V
10A
COUT
66.5k
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
μModule is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents including 5481178, 6100678, 6580258,
5847554, 6304066.


Similar Part No. - LTM4600IV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4600IV LINER-LTM4600IV Datasheet
356Kb / 24P
10A High Effi ciency DC/DC 關Module
LTM4600IVPBF LINER-LTM4600IVPBF Datasheet
356Kb / 24P
10A High Effi ciency DC/DC 關Module
More results

Similar Description - LTM4600IV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4600 LINER-LTM4600 Datasheet
356Kb / 24P
10A High Effi ciency DC/DC 關Module
LTM4600HV LINER-LTM4600HV Datasheet
374Kb / 24P
10A, 28VIN High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
6A High Effi ciency DC/DC 關Module
LTM4602HV LINER-LTM4602HV Datasheet
329Kb / 24P
6A, 28VIN High Effi ciency DC/DC 關Module
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
High Effi ciency Buck-Boost DC/DC 關Module
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
High Effi ciency USB Power Manager Triple Step-Down DC/DC
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
logo
MicroPower Direct, LLC
MSR7805WUP MPD-MSR7805WUP Datasheet
1Mb / 4P
Effi ciency to 95%
logo
Linear Technology
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
10A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com