Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4600IV Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4600IV
Description  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600IV Datasheet(HTML) 2 Page - Linear Technology

  LTM4600IV Datasheet HTML 1Page - Linear Technology LTM4600IV Datasheet HTML 2Page - Linear Technology LTM4600IV Datasheet HTML 3Page - Linear Technology LTM4600IV Datasheet HTML 4Page - Linear Technology LTM4600IV Datasheet HTML 5Page - Linear Technology LTM4600IV Datasheet HTML 6Page - Linear Technology LTM4600IV Datasheet HTML 7Page - Linear Technology LTM4600IV Datasheet HTML 8Page - Linear Technology LTM4600IV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM4600
2
4600fc
FCB, EXTVCC, PGOOD, RUN/SS, VOUT.......... –0.3V to 6V
VIN, SVIN, fADJ............................................ –0.3V to 20V
VOSET, COMP............................................. –0.3V to 2.7V
Operating Temperature Range (Note 2).... –40°C to 85°C
Junction Temperature ........................................... 125°C
Storage Temperature Range................... –55°C to 125°C
(Note 1)
The
l denotes the specifications which apply over the –40°C to 85°C
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. External CIN = 120μF, COUT = 200μF/Ceramic per typical
application (front page) configuration.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(DC)
Input DC Voltage
l
4.5
20
V
VOUT(DC)
Output Voltage
FCB = 0V
VIN = 5V or 12V, VOUT = 1.5V, IOUT = 0A
l
1.478
1.470
1.50
1.50
1.522
1.530
V
V
Input Specifications
VIN(UVLO)
Under Voltage Lockout Threshold
IOUT = 0A
3.4
4
V
IINRUSH(VIN)
Input Inrush Current at Startup
IOUT = 0A. VOUT = 1.5V, FCB = 0
VIN = 5V
VIN = 12V
0.6
0.7
A
A
IQ(VIN)
Input Supply Bias Current
IOUT = 0A, EXTVCC Open
VIN = 12V, VOUT = 1.5V, FCB = 5V
VIN = 12V, VOUT = 1.5V, FCB = 0V
VIN = 5V, VOUT = 1.5V, FCB = 5V
VIN = 5V, VOUT = 1.5V, FCB = 0V
Shutdown, RUN = 0.8V, VIN = 12V
1.2
42
1.0
52
35
75
mA
mA
mA
mA
μA
RUN/SS
FCB
PGOOD
VIN
PGND
VOUT
COMP
SGND
LGA PACKAGE
104-LEAD (15mm × 15mm × 2.8mm)
TOP VIEW
TJMAX = 125°C, θJA = 15°C/W, θJC = 6°C/W,
θJA DERIVED FROM 95mm × 76mm PCB WITH 4 LAYERS
WEIGHT = 1.7g
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
LEAD FREE FINISH
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM4600EV#PBF
LTM4600EV
104-Lead (15mm × 15mm × 2.8mm) LGA
–40°C to 85°C
LTM4600IV#PBF
LTM4600IV
104-Lead (15mm × 15mm × 2.8mm) LGA
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com