Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXOF Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # CXOF
Description  HIGH RELIABILITY FOR LOW COST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

CXOF Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  CXOF Datasheet HTML 1Page - PETERMANN-TECHNIK CXOF Datasheet HTML 2Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
PXO (Quarzoszillatoren)
- HIGH RELIABILITY FOR LOW COST
- FREQUENCY STABILITY TO +-25 PPM
- AVAILABLE IN 5.0 AND 3.3 VOLT
- STANDARD DIP 14 AND DIP 8 PACKAGE
- EXCELLENT CLOCK SIGNAL GENERATOR FOR DSP'S AND CPU'S
SERIES
CXOF
CXOH
PACKAGE
14 PIN DIP
8 PIN DIP
FREQUENCY STABILITY
OPERATING TEMPERATURE RANGE
STANDARD
OPTION
RISE AND FALL TIME
"0" LEVEL
"1" LEVEL
"0" LEVEL
"1" LEVEL
"0" LEVEL
"1" LEVEL
"0" LEVEL
"1" LEVEL
TTL
CMOS
STANDARD
OPTION
PART NUMBERING SYSTEM
EXAMPLE
SERIES
CXOF OR CXOH
BLANK FOR 5 VOLT
3 FOR 3.3 VOLT
BLANK FOR 40/60%
S FOR 45/55%
PIN 1
BLANK FOR NO E/D
ENABLE/DISABLE
E FOR E/D
BLANK FOR 100 PPM
ANY 50 ~ 15 PPM
BLANK FOR 0/+70°C
N = -10/+60°C
M = -20/+70°C
W = -40/+85°C
4.0 ~ 32.0 MHz = 30 mA max.
32.0 ~ 80.0 MHz = 45 mA max.
+-25 ~ +-100 ppm
1 ~ 10 TTL
15 ~ 50 pF
WITHOUT ENABLE/DISABLE FUNCTION
WITH ENABLE/DISABLE FUNCTION
PIN 1
SYMMETRY
INPUT VOLTAGE
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
CXOH-3-S-E-50-W-27.000MHz
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
FREQUENCY STABILITY
TEMPERATURE RANGE
- EXTENDED TEMPERATURE RANGE TO -40/+85°C
VOLTAGE
CURRENT
INPUT
+5.0 VDC +-10%
+3.3 VDC +-10%
0/+70°C ~ -40/+85°C
FREQUENCY RANGE
1.0 ~ 80.0 MHz
1 ~ 4.0 MHz = 10 mA max.
0.4 V (10% VDD)
+4.5 V (90%VDD)
SYMMETRY
TTL 5 VOLT
CMOS 5 VOLT
40/60%
45/55%
5 ns typical / 10 ns max.
LOAD
OUTPUT
TTL 3.3 VOLT
0.4 V max.
+1.4 V min.
CMOS 3.3 VOLT
0.1 V (10% VDD)
+2.97 V (90%VDD)
0.4 V max.
+2.4 V min.
PETERMANN
TECHNIK
Time & Frequency Components


Similar Part No. - CXOF

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CXO GOLLEDGE-CXO Datasheet
49Kb / 1P
SM OSCILLATOR
logo
STATEK CORPORATION
CXO STATEK-CXO Datasheet
89Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
logo
EUROQUARTZ limited
CXO EUROQUARTZ-CXO Datasheet
127Kb / 1P
Low Profile Miniature SMD Crystal Oscillator
logo
Kyocera Kinseki Corpota...
CXO-292 KSS-CXO-292 Datasheet
148Kb / 1P
Output frequency of 1 to 52MHz is available Clock crystal oscillator for industrial equipment
CXO-292A KSS-CXO-292A Datasheet
148Kb / 1P
Output frequency of 1 to 52MHz is available Clock crystal oscillator for industrial equipment
More results

Similar Description - CXOF

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
HC-49US PETERMANN-HC-49US Datasheet
145Kb / 2P
HIGH RELIABILITY FOR LOW COST
M2150 PETERMANN-M2150 Datasheet
130Kb / 2P
HIGH RELIABILITY FOR LOW COST
DPS PETERMANN-DPS Datasheet
122Kb / 2P
HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
HIGH RELIABILITY FOR LOW COST
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
SXO-0507 PETERMANN-SXO-0507 Datasheet
114Kb / 3P
HIGH RELIABILITY FOR LOW COST
SXO-1109 PETERMANN-SXO-1109 Datasheet
126Kb / 2P
HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com