Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXOF Datasheet(PDF) 2 Page - PETERMANN-TECHNIK

Part # CXOF
Description  HIGH RELIABILITY FOR LOW COST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

CXOF Datasheet(HTML) 2 Page - PETERMANN-TECHNIK

  CXOF Datasheet HTML 1Page - PETERMANN-TECHNIK CXOF Datasheet HTML 2Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PETERMANN
TECHNIK
Time & Frequency Components
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
OUTLINE DRAWING OF DIP 14 PACKAGE
4-00.55max
#1
#7(Grounded to the Case)
#14
#8
15.24
20.4max
Connection
PIN
#1
#7
#8
#14
NC/control
GND
Output
VDD
Unit:mm
TEST CIRCUIT FOR CMOS
(CMOS LOAD)
VDD
0.01~0.1µF
GND
1(1)
OE
GND
14(8)
8(5)
7(4)
VDD
OUT
CL=50pF
TEST POINT
CMOS OUTPUT WAVE FORM
(CMOS LOAD)
tr
tf
Th
T
VOL
DUTY=Th/T
VOH
90%VDD
50%VDD
10%VDD
OUTLINE DRAWING OF DIP 8 PACKAGE
#1
#4(Grounded to the Case)
#5
#8
7.62
12.9max
Connection
PIN
#1
#4
#5
#8
NC/control
GND
Output
VDD
4-00.55max
Unit:mm
TEST CIRCUIT FOR TTL
(TTL LOAD)
VDD
0.01~0.1µF
GND
D1~D4:IN4148
1(1)
OE
GND
14(8)
8(5)
7(4)
VDD
OUT
D2
D3
D4
CL=15pF
TEST POINT
390
TTL OUTPUT WAVE FORM
(TTL LOAD)
tr
tf
Th
T
VOL
DUTY=Th/T
VOH
2.4V
1.4V
0.4V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com