Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS1237 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS1237
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1237 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS1237 Datasheet HTML 1Page - Vectron International, Inc TFS1237 Datasheet HTML 2Page - Vectron International, Inc TFS1237 Datasheet HTML 3Page - Vectron International, Inc TFS1237 Datasheet HTML 4Page - Vectron International, Inc TFS1237 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 1237.doc
Version 1.3
14.11.2006
VI TELEFILTER
Filter specification
TFS 1237
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance:
Input:
50
Ω
Output:
50
Ω
Characteristics
Remark:
The maximum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 1237 MHz without any tolerance or
limit. The values of absolute attenuation aabs are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating
temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
2,0
dB
max.
4
dB
Nominal frequency
fN
-
1237
MHz
Passband
PB
-
fN
± 20
MHz
Pass band ripple
0,5
dB
max.
1,75 dB
Absolute attenuation
aabs
1
MHz ...
100
MHz
37
dB
min.
30
dB
100
MHz ...
1000 MHz
28
dB
min.
25
dB
1000
MHz ...
1177 MHz
34
dB
min.
30
dB
1297
MHz ...
1338 MHz
47
dB
min.
25
dB
1338
MHz ...
2000 MHz
33
dB
min.
30
dB
Group delay ripple within PB
6
ns
max.
10
ns
Operating temperature range
OTR
-
- 40 °C ... + 85 °C
Storage temperature range
-
- 40 °C ... + 90 °C
Temperature coefficient of frequency
TCf *
-70
ppm/K
-
Input power level
-
max.
17
dBm
*)
∆fc(Hz) = Tcf(ppm/K) x (T - To) x fCAT (MHz).
Generated:
Checked / Approved:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS1237

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1237C VECTRON-TFS1237C Datasheet
92Kb / 5P
Vectron International Filter specification
More results

Similar Description - TFS1237

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS836C ETC2-TFS836C Datasheet
190Kb / 5P
Filter specification
TFS1575G ETC2-TFS1575G Datasheet
166Kb / 5P
Filter specification
TFS70AV ETC2-TFS70AV Datasheet
175Kb / 5P
Filter specification
logo
Vectron International, ...
TFS37B VECTRON-TFS37B Datasheet
149Kb / 5P
Filter specification
TFS70BB VECTRON-TFS70BB Datasheet
149Kb / 5P
Filter specification
TFS70BT VECTRON-TFS70BT Datasheet
87Kb / 5P
Filter specification
TFS87F VECTRON-TFS87F Datasheet
84Kb / 5P
Filter specification
TFS92G VECTRON-TFS92G Datasheet
86Kb / 5P
Filter specification
TFS96C VECTRON-TFS96C Datasheet
111Kb / 5P
Filter specification
TFS104 VECTRON-TFS104 Datasheet
106Kb / 5P
Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com