Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS1237 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS1237
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1237 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS1237 Datasheet HTML 1Page - Vectron International, Inc TFS1237 Datasheet HTML 2Page - Vectron International, Inc TFS1237 Datasheet HTML 3Page - Vectron International, Inc TFS1237 Datasheet HTML 4Page - Vectron International, Inc TFS1237 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 1237.doc
Version 1.3
14.11.2006
VI TELEFILTER
Filter specification
TFS 1237
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Filter characteristic
200
400
600
800
1000
1200
1400
1600
1800
2000
-60
-50
-40
-30
-20
-10
0
frequency in MHz
1200
1210
1220
1230
1240
1250
1260
1270
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
1200
1210
1220
1230
1240
1250
1260
1270
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
Construction and pin connection
(All dimensions in mm)
C37
● U46
1
2
3
4
5
6
0,6
0,1
0,6
13
6
4
Date code: Year + week
U
2006
V
2007
W
2008
...
1
Ground
2
Input
3
Ground
4
Ground
5
Output
6
Ground
50 Ω Test circuit
L1
L2
1, 3, 4, 6
5
2
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com