Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-710 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VC-710
Description  Voltage Controlled Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-710 Datasheet(HTML) 6 Page - Vectron International, Inc

  VC-710 Datasheet HTML 1Page - Vectron International, Inc VC-710 Datasheet HTML 2Page - Vectron International, Inc VC-710 Datasheet HTML 3Page - Vectron International, Inc VC-710 Datasheet HTML 4Page - Vectron International, Inc VC-710 Datasheet HTML 5Page - Vectron International, Inc VC-710 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
VC-710 Voltage Controlled Crystal Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page
6 of 6
Rev: December 13, 2006
Standard Frequencies (MHz)
80.000
88.4736
89.600
91.080
93.312
96.000
100.000
101.992
110.000
112.640
120.000
122.880
124.416
125.000
128.000
133.330
139.264
144.000
155.520
156.250
157.500
161.1328
166.627
166.6286
167.3316
175.000
184.000
184.320
187.500
192.000
192.456
200.000
Other frequencies available upon request
Ordering Information
VC - 710 - D F F - G F A - xxx.xxx
1.
Not all combinations are possible.
2.
± 10% linearity available at certain frequencies.
Consult factory.
For Additional Information, Please Contact:
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
USA: Vectron International, 267 Lowell Rd, Hudson, NH 03051 . . . . . . . Tel: 1-88-VECTRON-1
Fax: 1-888-FAX-VECTRON
EUROPE: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tel: 49 (0) 7268 8010
Fax: 49 (0) 7268 801281
ASIA: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: 86 21 5048 0777
Fax: 86 21 5048 1881
Product Family
VC: VCXO
Package
710: 5.0 x 7.5 x 1.8 mm
Input
D: 3.3 Vdc ± 5%
Output
F: Complementary LVPECL
Operating Temperature
C: 0 to 70
°C
F: -40 to 85
°C
Frequency
80 - 200 MHz
Linearity, Temp. Stability
A: N/A
L: + 10 % linearity
M: + 20 ppm temp. stability
Enable - Disable)
F: Pin 2, Output is enabled high
B: Pin 2, Output is enabled low
Absolute Pull Range
G: + 50 ppm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com