Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-710 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VC-710
Description  Voltage Controlled Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-710 Datasheet(HTML) 2 Page - Vectron International, Inc

  VC-710 Datasheet HTML 1Page - Vectron International, Inc VC-710 Datasheet HTML 2Page - Vectron International, Inc VC-710 Datasheet HTML 3Page - Vectron International, Inc VC-710 Datasheet HTML 4Page - Vectron International, Inc VC-710 Datasheet HTML 5Page - Vectron International, Inc VC-710 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VC-710 Voltage Controlled Crystal Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 2 of 6
Rev: December 13, 2006
Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
fO
80
155.52
200
MHz
Supply Voltage
(+3.3 V)
VDD
3.135
3.3
3.465
V
Supply Current
IDD
50
90
mA
Output Logic Levels
Output Logic High
+25 ºC
Output Logic Low
+25 ºC
VOH
VOL
Vcc -1.025
Vcc -1.810
Vcc -0.950
Vcc -1.700
Vcc -0.880
Vcc -1.620
V
V
Transition Times
Rise Time
Fall Time
tR
tF
0.5
0.5
1
1
ns
ns
Symmetry or Duty Cycle
SYM
45
50
55
%
Operating temperature (ordering option)
0/70 or –40/85
°C
Jitter (12 kHz – 20 MHz BW), 155.52 MHz
0.3
ps (rms)
Jitter (50 kHz – 80 MHz BW), 155.52 MHz
0.5
ps (rms)
Phase Noise, f0 = 155.52 MHz
10 Hz offset
100 Hz offset
1 kHz offset
10 kHz offset
100 kHz offset
1 MHz offset
10 MHz offset
-64
-95
-123
-143
-146
-146
-146
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Test Conditions for APR (+3.3V)
VC
0.3
3.0
V
Absolute Pull Range (APR)
APR
+ 50
ppm
Gain Transfer
Positive, 65
ppm/V
Control Voltage Bandwidth (-3dB)
BW
20
100
kHz
Enable/Disable
1
Output Enabled, F option
Output Disabled, F option
Output Enabled, B option
Output Disabled, B option
VDD*0.7
VDD*0.7
VDD*0.3
VDD*0.2
V
V
V
V
Package Size
5.08 x 7.5 x 1.8
mm
1. Output is enabled if the E/D, pin 2, is left open on F option. E/D must be terminated on B option.
VOL
50%
VOH
80%
20%
tR
tF
tA
tB
SYM = 100 x tA / tB
Figure 2. PECL Waveform
1
2
3
6
5
4
50Ω
50Ω
Test Circuit Notes:
1) To Permit 50Ω Measurement of O utputs, all DC Inputs are Biased Down 1.3V.
2) All Voltage Sources Contain Bypass Capacitors to Minimize Supply Noise.
3) 50Ω Terminations are W ithin Test Equipment.
(-1.3V to +2V)
(-1.3V)
(+2V)
CO utput
Output
>1.4V or O pen
Figure 1. Test Circuit ( 3.3 V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com