Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-715 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VC-715
Description  LVPECL Voltage Controlled Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-715 Datasheet(HTML) 4 Page - Vectron International, Inc

  VC-715 Datasheet HTML 1Page - Vectron International, Inc VC-715 Datasheet HTML 2Page - Vectron International, Inc VC-715 Datasheet HTML 3Page - Vectron International, Inc VC-715 Datasheet HTML 4Page - Vectron International, Inc VC-715 Datasheet HTML 5Page - Vectron International, Inc VC-715 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VC-715 Voltage Controlled Crystal Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 4 of 6
Suggested Output Load Configurations
4
3
240
Ω
0.01
µF
16
2
Gnd
OD
5
Vc
0.10
µF
+3.3V
240
Ω
100
Ω
Z = 50
Ω
Z = 50
Ω
COutput
Vcc
Output
Gnd
Vc
OD
Output
240
Ω
34
240
Ω
COutput
2
1
5
6
Vcc
0.01
µF
0.10
µF
+3.3V
OD
-1.3V
COutput
Output
4
3
25
Vc
0.01
µF
16
Vcc
0.10
µF
+2.0V
LV-PECL to LV-PECL: For short transmission lengths, the power
consumption could be reduced by removing the 100
Ω resistor and
doubling the value of the pull down resistors.
Functional Test: Allows standard power supply configuration.
Since AC coupled, the LV-PECL levels cannot be measured.
LV-PECL to LVDS: Restricted for short transmission lengths.
Configuration may require modification depending on LVDS receiver.
Gnd
3
Output
4
Z = 50
Ω
+3.3V
COutput
OD
Vc
2
1
5
Vcc
6
0.01
µF
0.10
µF
Z = 50
Ω
40
Ω
40
Ω
150
Ω
150
Ω
49
Ω
49
Ω
+3.3V
Production Test: Allows direct DC coupling into 50
Ω measurement
equipment. Must bias the power supplys as shown. Similar to Figure 1.
0.01
µF
0.01
µF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com