Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-715 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VC-715
Description  LVPECL Voltage Controlled Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-715 Datasheet(HTML) 1 Page - Vectron International, Inc

  VC-715 Datasheet HTML 1Page - Vectron International, Inc VC-715 Datasheet HTML 2Page - Vectron International, Inc VC-715 Datasheet HTML 3Page - Vectron International, Inc VC-715 Datasheet HTML 4Page - Vectron International, Inc VC-715 Datasheet HTML 5Page - Vectron International, Inc VC-715 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 1 of 6
VC-715
LVPECL Voltage Controlled Crystal Oscillator
Features
• Small Industry Standard Package, 5.0 x 7.5 x 2.0 mm
• 1.024 MHz to 77.76 MHz Output Frequency
• 3.3 V Operation
• Fundamental crystal for ultra low jitter
• Complementary PECL Outputs
• Low phase noise and custom options
• 0/70 or –40/85° C operating temperature
• Enable /Disable (PECL)
Product is compliant to RoHS directive
and fully compatible with lead free
assembly
Applications
PLL circuits for Clock Smoothing and Frequency Translation
• Fiber Channel
• SONET
• SDH, ITU-T G.709
• SONET, GR-253-CORE Issue3
Description
The VC-715 is a voltage controlled crystal oscillator that
operates at the fundamental frequency of the internal crystal.
The crystal is a high-Q quartz device that enables the circuit to
achieve low phase jitter performance over a wide operating
temperature range. The oscillator is housed in an industry
standard hermetically sealed leadless surface mount package
and is available on tape and reel.


Similar Part No. - VC-715

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-715 VECTRON-VC-715 Datasheet
231Kb / 6P
LVPECL Voltage Controlled Crystal Oscillator
VC-715-DFC-GFL19.440 VECTRON-VC-715-DFC-GFL19.440 Datasheet
231Kb / 6P
LVPECL Voltage Controlled Crystal Oscillator
VC-715-DFF-GFL19.440 VECTRON-VC-715-DFF-GFL19.440 Datasheet
231Kb / 6P
LVPECL Voltage Controlled Crystal Oscillator
More results

Similar Description - VC-715

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-715 VECTRON-VC-715 Datasheet
231Kb / 6P
LVPECL Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-914 CRYSTEKCRYSTAL-CVPD-914 Datasheet
113Kb / 1P
Differential LVPECL Voltage Controlled Crystal Oscillator 9X14 mm SMD, 3.3V, LVPECL
CVPD-920 CRYSTEKCRYSTAL-CVPD-920 Datasheet
74Kb / 1P
Differential LVPECL Voltage Controlled Crystal Oscillator 9X14 mm SMD, 3.3V, LVPECL
CVXO-918T CRYSTEKCRYSTAL-CVXO-918T Datasheet
113Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Silicon Laboratories
SI515 SILABS-SI515 Datasheet
1Mb / 22P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
logo
Cypress Semiconductor
CY2V014 CYPRESS-CY2V014 Datasheet
262Kb / 9P
LVPECL Voltage Controlled Crystal Oscillator (VCXO)
logo
TAITIEN ELECTRONICS CO....
XO-0083-VW-LVDS-TYPE TAITIEN-XO-0083-VW-LVDS-TYPE Datasheet
285Kb / 1P
5.0 x 3.2mm SMD LVPECL/LVDS Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com