Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2292 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2292
Description  High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2292 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2292 Datasheet HTML 1Page - Micrel Semiconductor MIC2292 Datasheet HTML 2Page - Micrel Semiconductor MIC2292 Datasheet HTML 3Page - Micrel Semiconductor MIC2292 Datasheet HTML 4Page - Micrel Semiconductor MIC2292 Datasheet HTML 5Page - Micrel Semiconductor MIC2292 Datasheet HTML 6Page - Micrel Semiconductor MIC2292 Datasheet HTML 7Page - Micrel Semiconductor MIC2292 Datasheet HTML 8Page - Micrel Semiconductor MIC2292 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Micrel, Inc.
MIC2292/93C
September 2009
2
M9999-091509-A
Ordering Information
Part Number
Marking
Code
Overoltage
Protection
Junction
Temp. Range
Package
Lead Finish
MIC2292C-15YML
15V
–40°C to +125°C
8-Pin 2mm x 2mm MLF
®
Pb-Free
MIC2293C-34YML
34V
–40°C to +125°C
8-Pin 2mm x 2mm MLF
®
Pb-Free
Notes 1: Contact Micrel Marketing for other voltage options.
Pin Configuration
OUT
VIN
EN
AGND
PGND
SW
FB
NC
1
2
3
4
8
7
6
5
EP
???
Denotes Pb-Free
Denotes MIC2292/93C
8-Pin MLF
® (ML)
(Top View)
Fused Lead Frame
Pin Description
Pin Number
Pin Name
Pin Name
1
OUT
Output Pin and Overvoltage Protection (Output): Connect to the output capacitor and LEDs.
2
VIN
Supply (Input): Input Voltage.
3
EN
Enable (Input): Logic high enables regulator. Logic low shuts down regulator.
4
AGND
Analog ground.
5
NC
No connect (no internal connection to die).
6
FB
Feedback (Input): Output voltage sense node. Connect the cathode of the LED to this pin.
A resistor from this pin to ground sets the LED current.
7
SW
Switch node (Input): Internal power transistor collector.
8
PGND
Power ground.
EP
GND
Ground (Return): Exposed backside pad.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com