Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2292 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2292
Description  High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2292 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2292 Datasheet HTML 1Page - Micrel Semiconductor MIC2292 Datasheet HTML 2Page - Micrel Semiconductor MIC2292 Datasheet HTML 3Page - Micrel Semiconductor MIC2292 Datasheet HTML 4Page - Micrel Semiconductor MIC2292 Datasheet HTML 5Page - Micrel Semiconductor MIC2292 Datasheet HTML 6Page - Micrel Semiconductor MIC2292 Datasheet HTML 7Page - Micrel Semiconductor MIC2292 Datasheet HTML 8Page - Micrel Semiconductor MIC2292 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
MIC2292/93C
September 2009
3
M9999-091509-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).......................................................12V
Switch Voltage (VSW)....................................... –0.3V to 34V
Enable Pin Voltage (VEN)................................... –0.3V to VIN
FB Voltage (VFB)...............................................................6V
Switch Current (ISW) .........................................................2A
Ambient Storage Temperature (Ts)...........–65°C to +150°C
Schottky Reverse Voltage (VDA).....................................34V
EDS Rating
(3).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)........................................ 2.5V to +10V
Output Voltage (VIN) ............................................ VIN to VOVP
Junction Temperature (TJ) ........................–40°C to +125°C
Package Thermal Resistance
2mm x 2mm MLF
® (θ
JA)..................................... 93°C/W
Electrical Characteristics
(4)
TA = 25°C, VIN = VEN = 3.6V, VOUT = 15V, IOUT = 20mA, unless otherwise noted. Bold values indicate –40°C< TJ < +125°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Supply Voltage Range
2.5
10
V
VUVLO
Under Voltage Lockout
1.8
2.1
2.4
V
IVIN
Quiescent Current
VFB > 200mV, (not switching)
2.5
5
mA
ISD
Shutdown Current
VEN = 0V
(5)
0.1
1
µA
VFB
Feedback Voltage
(±10%)
85
95
105
mV
IFB
Feedback Input Current
VFB = 95mV
–450
nA
Line Regulation
(6)
3V ≤ VIN ≤ 5V
0.5
%
Load Regulation
(6)
5mA ≤ IOUT ≤ 20mA
0.5
%
DMAX
Maximum Duty Cycle
85
90
%
ISW
Switch Current Limit
750
mA
VSW
Switch Saturation Voltage
ISW = 0.5A
450
mV
ISW
Switch Leakage Current
VEN = 0V, VSW = 10V
0.01
5
µA
VEN
Enable Threshold
TURN ON
TURN OFF
1.5
0.4
V
V
IEN
Enable Pin Current
VEN = 10V
20
40
µA
fSW
Oscillator Frequency
MIC2292C
MIC2293C
1.4
1.75
1.6
2.0
1.8
2.25
MHz
MHz
VD
Schottky Forward Drop
ID = 150mA
0.8
1
V
IRD
Schottky Leakage Current
VR = 30V
4
µA
VOVP
Overvoltage Protection
MIC2292/93C-15
MIC2292/93C-34
11.4
27
14
32
16.5
37
V
V
TJ
Overtemperature
Threshold Shutdown
Hysteresis
150
10
°C
°C
Notes:
1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max), the
junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive die
temperature, and the regulator will go into thermal shutdown.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model.
4. Specification for packaged product only.
5. ISD = IVIN.
6. Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com