Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2586 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2586
Description  Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2586 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2586 Datasheet HTML 9Page - Micrel Semiconductor MIC2586 Datasheet HTML 10Page - Micrel Semiconductor MIC2586 Datasheet HTML 11Page - Micrel Semiconductor MIC2586 Datasheet HTML 12Page - Micrel Semiconductor MIC2586 Datasheet HTML 13Page - Micrel Semiconductor MIC2586 Datasheet HTML 14Page - Micrel Semiconductor MIC2586 Datasheet HTML 15Page - Micrel Semiconductor MIC2586 Datasheet HTML 16Page - Micrel Semiconductor MIC2586 Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Micrel
MIC2586/MIC2586R
October 2004
13
M9999-102204
(408) 955-1690
Applications Information
External ON/OFF Control
The MIC2586/MIC2586R have an ON pin input that is used
to enable the controller to commence a start-up sequence
upon card insertion or to disable controller operation upon
card removal. In addition, the ON pin can be used to reset
the MIC2586/MIC2586R’s internal electronic circuit breaker
in the event of a load current fault. To reset the electronic
circuit breaker, the ON pin is toggled LOW then HIGH. The
ON pin is internally connected to an analog comparator with
80mV of hysteresis. When the ON pin voltage falls below its
internal VONL threshold, the GATE pin is immediately pulled
low. The GATE pin will be held low until the ON pin voltage is
above its internal VONH threshold. The external circuit's ON
threshold voltage level is programmed using a resistor divider
(R1 & R2) as shown in the "Typical Application” circuit. The
equations to set the trip points are shown below. For the
following example, the external circuit's ON threshold is set
to VONH(EX) = +37V, a value commonly used in +48V Central
Office power distribution applications.
V
ONH(EX) = VONH ×
R1
+R2
R2
⎛
⎝
⎜
⎞
⎠
⎟
(10)
Given VONH and R2, a value for R1 can be determined. A
suggested
value
for
R2
is
that
which
will
provide
approximately 100
µA of current through the voltage divider
chain at VCC = VONH. This yields the following as a starting
point:
R2
=
V
ONH(TYP)
100
µA
=
1.313V
100
µA
= 13.13kΩ
The closest standard 1% value for R2 is 13k
Ω. Now, solving
for R1 yields:
R1
= R2 ×
V
ONH(EX)
V
ONH(TYP)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟−1
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
= 13kΩ×
37V
1.313V
⎛
⎝
⎜
⎞
⎠
⎟−1
⎡
⎣
⎢
⎤
⎦
⎥ = 353.3kΩ
The closest standard 1% value for R1 is 357k
Ω.
Using standard 1% resistor values, the external circuit's
nominal ON and OFF thresholds are:
VON(EX) = +36V
VOFF(EX) = +34V
In solving for VOFF(EX), replace VONH with VONL in Equation 10.
Output Voltage Power-is-Good Detection
The MIC2586/86R includes an analog comparator used to
monitor the output voltage of the controller through an
external resistor divider as shown in the "Typical Application"
circuit. The FB input pin is connected to the non-inverting
input and is compared against an internal reference voltage.
The analog comparator exhibits a hysteresis of 80mV.
Setting the "Power-is-Good" threshold for the circuit follows a
similar approach as setting the circuit's ON/OFF input
voltage. The equations to set the trip points are shown
below. For the following +48V telecom application, power-is-
good output signal PWRGD1 (or /PWRGD1) is to be de-
asserted when the output supply voltage is lower than +48V-
10% (+43.2V).
V
OUT(NOT GOOD) =VFBL ×
R5 + R6
R6
⎛
⎝
⎜
⎞
⎠
⎟
(11)
Given VFBL and R6, a value for R5 can be determined. A
suggested
value
for
R6
is
that
which
will
provide
approximately 100
µA of current through the voltage divider
chain at VOUT(NOT GOOD) = VFBL. This yields the following
equation as a starting point:
R6
=
V
FBL(TYP)
100
µA
=
1.233V
100
µA
= 12.33kΩ
The closest standard 1% value for R6 is 12.4k
Ω. Now,
solving for R5 yields:
R5
= R6 ×
V
OUT(NOT GOOD)
V
FBL(TYP)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟−1
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
= 12.4kΩ×
43.2V
1.233V
⎛
⎝
⎜
⎞
⎠
⎟−1
⎡
⎣
⎢
⎤
⎦
⎥ = 422kΩ
The closest standard 1% value for R5 is 422k
Ω.
Using standard 1% resistor values, the external circuit's
nominal "power-is-good" and "power-is-not-good" output
voltages are:
VOUT(GOOD) = +46V
VOUT(NOT GOOD) = +43.2V
In solving for VOUT(GOOD), substitute VFBH for VFBL in Equation
11.
Sense Resistor Selection
The sense resistor is nominally valued at:
OM)
HOT_SWAP(N
TRIP(TYP)
SENSE
I
V
R
=
(12)
where VTRIP(TYP) is the nominal circuit breaker threshold
voltage (47mV) and IHOT_SWAP(NOM) is the nominal inrush load
current level to trip the internal circuit breaker.
To accommodate worse-case tolerances in the sense
resistor (for a ±1% initial tolerance, allow ±3% tolerance for
variations over time and temperature) and circuit breaker
threshold voltages, a slightly more detailed calculation must
be used to determine the minimum and maximum hot swap
load currents.
The MIC2586/MIC2586R has a minimum current limit
threshold voltage of 39mV, thus the minimum hot swap load
current is determined where the sense resistor is 3% high:
I
HOT_SWAP(MIN) =
39mV
1.03
×R
SENSE(NOM)
()
=
37.9mV
R
SENSE(NOM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com