Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2586 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2586
Description  Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2586 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2586 Datasheet HTML 1Page - Micrel Semiconductor MIC2586 Datasheet HTML 2Page - Micrel Semiconductor MIC2586 Datasheet HTML 3Page - Micrel Semiconductor MIC2586 Datasheet HTML 4Page - Micrel Semiconductor MIC2586 Datasheet HTML 5Page - Micrel Semiconductor MIC2586 Datasheet HTML 6Page - Micrel Semiconductor MIC2586 Datasheet HTML 7Page - Micrel Semiconductor MIC2586 Datasheet HTML 8Page - Micrel Semiconductor MIC2586 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Micrel
MIC2586/MIC2586R
October 2004
3
M9999-102204
(408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Function
1
8
12
NC
Reserved: Make no external connections to these pins.
2
ON
Enable Input: When the voltage at the ON pin is higher than the VONH threshold,
a start cycle is initiated. An internal current source (IGATEON) is activated which
charges the GATE pin, ramping up the voltage at this pin to turn on an external
MOSFET. Whenever the voltage at the ON pin is lower than the VONL threshold,
an undervoltage lockout condition is detected and the IGATEON current source is
disabled while the GATE pin is pulled low by another internal current source
(IGATEOFF). After a load current fault, toggling the ON pin LOW will reset the
circuit breaker then back HIGH (ON pin) will initiate another start cycle.
3
FB
Output Voltage Feedback Input: This pin is connected to an external resistor
divider that is used to sample the output load voltage. The voltage at this pin is
measured against an internal comparator whose output controls the PWRGD (or
/PWRGD) signal.
PWRGD (or /PWRGD) asserts when the FB pin voltage
crosses the VFBH threshold.
When the FB pin voltage is lower than its VFBL
threshold, PWRGD (or /PWRGD) is deasserted. The FB comparator exhibits a
typical hysteresis of 80mV.
The FB pin voltage also affects the MIC2586/MIC2586R’s foldback current limit
operation (see the “Functional Description” section for further information).
4
PWRGD1
(MIC2586-1)
(MIC2586R-1)
Active-HIGH
/PWRGD1
(MIC2586-2)
(MIC2586R-2)
Active-LOW
Power-is-Good (PWRGD1 or /PWRGD1), Open-drain Output: This pin remains
deasserted during start up while the FB pin voltage is below the VFBH threshold.
Once the voltage at the FB pin rises above the VFBH threshold, the Power-is-
Good output asserts with minimal delay (typically
≤ 5µs).
For the (-1) options, the PWRGDx output pin will be high-impedance when the
FB pin voltage is higher than VFBH and will pull down to GND when the FB pin
voltage is less than VFBL.
For the (-2) options, the /PWRGDx output pin will be high-impedance when the
FB pin voltage is lower than VFBL and will pull down to GND when the FB pin
voltage is higher than VFBH.
Each Power-is-Good output pin is connected to an open-drain, N-channel
transistor implemented with high-voltage structures. These transistors are
capable of operating with pull-up resistors to supply voltages as high as 100V.
To use this signal as a logic control in low-voltage dc-dc conversion applications,
an external pull-up resistor between this pin and the logic supply voltage is
recommended, unless an internal pull-up impedance is provided by the dc-dc
module or other device (load).
5
PWRGD2
(MIC2586-1)
(MIC2586R-1)
Active-HIGH
/PWRGD2
(MIC2586-2)
(MIC2586R-2)
Active-LOW
Power-is-Good 2 (PWRGD2 or /PWRGD2), Open-drain Output: For the (-1)
option, this output signal is asserted when the following is true: PWRGD1 =
Asserted AND the PWRGD1-to-PWRGD2 delay (tPG(1-2)) has elapsed, where
tPG(1-2) is the time delay programmed by the capacitor (CPG) connected to the
PGTIMER pin. Once PWRGD1 is asserted, an internal current source (ICPG)
begins to charge CPG. When the voltage on CPG crosses the VPG2 threshold
(typically, 0.625V), PWRGD2 is asserted. The same description above applies
to the (-2) option. For further information, refer to the PWRGD1 and PGTIMER
pin descriptions.
To use this signal as a logic control in low-voltage dc-dc conversion applications,
an external pull-up resistor between this pin and the logic supply voltage is
recommended, unless an internal pull-up impedance is provided by the dc-dc
module or other device (load).
6
GND
Tie this pin directly to the system’s analog GND plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com