Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3291 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC3291
Description  1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3291 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC3291 Datasheet HTML 9Page - Micrel Semiconductor MIC3291 Datasheet HTML 10Page - Micrel Semiconductor MIC3291 Datasheet HTML 11Page - Micrel Semiconductor MIC3291 Datasheet HTML 12Page - Micrel Semiconductor MIC3291 Datasheet HTML 13Page - Micrel Semiconductor MIC3291 Datasheet HTML 14Page - Micrel Semiconductor MIC3291 Datasheet HTML 15Page - Micrel Semiconductor MIC3291 Datasheet HTML 16Page - Micrel Semiconductor MIC3291 Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Micrel, Inc.
MIC3291
September 2010
13
M9999-092810
(408) 944-0800
Typical Application Circuit (MIC3291-xxYML)
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
GRM185R61A105KE36D
Murata
(1)
Capacitor, 1µF Ceramic, 10V, X5R, Size 0603
1
C2
GRM21BR71E474KCO1L
Murata
(1)
Capacitor, 0.47µF Ceramic, 25V, X7R, Size 0805
1
R1
CRCW060312R40FRT1
Vishay
(2)
12.4Ω, 1%, 0603
1
L1
VLS252010T-100M
TDK
(3)
10µH, 650mA, 712mΩ, L2.5mm x W2.0mm x H1.0mm
1
U1
MIC3291-xxYML
Micrel, Inc.
(4)
1.2MHz PWM Boost LED Driver with Single-Wire Linear Digital
Control
1
Notes:
1. Murata: www.murata.com.
2. Vishay: www.vishay.com.
3. TDK: www.tdk.com.
4. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com