Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4802 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4802
Description  High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4802 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4802 Datasheet HTML 1Page - Micrel Semiconductor MIC4802 Datasheet HTML 2Page - Micrel Semiconductor MIC4802 Datasheet HTML 3Page - Micrel Semiconductor MIC4802 Datasheet HTML 4Page - Micrel Semiconductor MIC4802 Datasheet HTML 5Page - Micrel Semiconductor MIC4802 Datasheet HTML 6Page - Micrel Semiconductor MIC4802 Datasheet HTML 7Page - Micrel Semiconductor MIC4802 Datasheet HTML 8Page - Micrel Semiconductor MIC4802 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel Inc.
MIC4802
January 2011
2
M9999-013111-B
Ordering Information
Part Number
Temperature Range
Package
MIC4802YME
–40°C to +125°C
8-Pin EPAD SOIC
Pin Configuration
8-Pin Epad SOIC (ME)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Voltage Input. Connect at least 2.2µF ceramic capacitor between VIN and GND.
2
EN
Enable LED drivers. This pin can be used as a PWM input for dimming of WLEDs. Do not leave
floating.
3
RSET
An internal 1.27V reference sets the nominal maximum WLED current. Example, apply a 6.19kΩ
resistor between RSET and GND to set LED current to 830mA at 100% duty cycle.
4
GND
Ground.
5
D1
LED1 driver input. Connect LED anode to VIN and cathode to this pin. All D1 pins must be
connected to the LED.
6
D1
LED1 driver input. Connect LED anode to VIN and cathode to this pin. All D1 pins must be
connected to the LED.
7
D1
LED1 driver input. Connect LED anode to VIN and cathode to this pin. All D1 pins must be
connected to the LED.
8
D1
LED1 driver input. Connect LED anode to VIN and cathode to this pin. All D1 pins must be
connected to the LED.
EPAD
HS PAD
Heat sink pad. Not internally connected. Connect to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com