Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4802 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4802
Description  High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4802 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4802 Datasheet HTML 1Page - Micrel Semiconductor MIC4802 Datasheet HTML 2Page - Micrel Semiconductor MIC4802 Datasheet HTML 3Page - Micrel Semiconductor MIC4802 Datasheet HTML 4Page - Micrel Semiconductor MIC4802 Datasheet HTML 5Page - Micrel Semiconductor MIC4802 Datasheet HTML 6Page - Micrel Semiconductor MIC4802 Datasheet HTML 7Page - Micrel Semiconductor MIC4802 Datasheet HTML 8Page - Micrel Semiconductor MIC4802 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel Inc.
MIC4802
January 2011
3
M9999-013111-B
Absolute Maximum Ratings(1)
Main Input Voltage (VIN) .................................. –0.3V to +6V
Enable Input Voltage (VEN).............................. –0.3V to +6V
LED Driver Voltage (VD1) ................................ –0.3V to +6V
Power Dissipation .....................................Internally Limited
Lead Temperature (soldering, 10sec.)....................... 260°C
Storage Temperature (Ts) .........................–65°C to +150°C
Operating Ratings(2)
Supply Voltage (VIN)..................................... +3.0V to +5.5V
Enable Input Voltage (VEN) .................................... 0V to VIN
LED Driver Voltage (VD1) ....................................... 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
EPAD SOIC-8L (
θJA)..........................................41°C/W
Electrical Characteristics
VIN = VEN = 5V, RSET = 6.19kΩ; VD1 = 1.2V; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ 125°C; unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Current Accuracy
(3)
747
830
913
mA
Drop-out
Where ILED = 90% of LED current seen at
VDROPNOM = 1.2V, 100% brightness level
280
500
mV
Ground/Supply Bias Current
IOUT = 830mA
4.1
5.7
mA
Shutdown Current
VEN = 0V
0.01
1
µA
PWM Dimming
Logic Low
0.2
V
Enable Input Voltage (VEN)
Logic High
1.2
V
Enable Input Current
VIH > 1.2V
0.01
1
µA
Current Source Delay
(50% levels)
Shutdown to on
Standby to on
On to Standby
40
2
0.3
60
µs
µs
µs
Current Source Transient Time
(10%-90%)
TRISE
TFALL
1
0.3
µs
µs
Stand-by to Shutdown Time
VEN = 0V
10
20
40
ms
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. As determined by average current based on RSET resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com