Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1-SW16 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # SW1-SW16
Description  Sample Program (Electronic Desktop Calculator)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SW1-SW16 Datasheet(HTML) 4 Page - Renesas Technology Corp

  SW1-SW16 Datasheet HTML 1Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 2Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 3Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 4Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 5Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 6Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 7Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 8Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
REJ05B0812-0120 Rev.1.20
2007.11
Page 4 of 18
M16C/26A Group
Sample Program (Electronic Desktop Calculator)
5.
Operational Specification
Example for 1  20 = 21
(1) The display shows the string “calc” and the numeral “0” immediately after the reset switch is pressed.
(2) The “1” key is entered.
(3) The “” key is entered.
(4) The “2” key is entered.
ca
l
c
0
7
8
9
4
5
6
1
2
3
0
5
=
+
AC
-
×
÷
Shows the numeral “1”
ca
l
c
1
7
8
9
4
5
6
1
2
3
0
5
=
+
AC
-
×
÷
ca
l
c
1
7
8
9
4
5
6
1
2
3
0
5
=
+
AC
-
×
÷
2
Shows the numeral “2”
ca
l
c
7
8
9
4
5
6
1
2
3
0
5
=
+
AC
-
×
÷



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com