Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1-SW16 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # SW1-SW16
Description  Sample Program (Electronic Desktop Calculator)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SW1-SW16 Datasheet(HTML) 3 Page - Renesas Technology Corp

  SW1-SW16 Datasheet HTML 1Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 2Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 3Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 4Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 5Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 6Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 7Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 8Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
REJ05B0812-0120 Rev.1.20
2007.11
Page 3 of 18
M16C/26A Group
Sample Program (Electronic Desktop Calculator)
4.
Operational Outline
Calculation results are shown on liquid crystal display.
The display shows the result of operation when calculation results are within 7 digits (from
−9999999 to 9999999) or “E” when
calculation results are equal to or more than 8 digits. For example, when you enter “1234  5678 =,” the display will show “6912.” Or
when you enter “1234567  8901234,” the display will show “E.”
When a key is depressed, the buzzer sounds.
Note: In this program, pressing two or more switches at the same time has no effect (i.e., ignored).
This function is materialized using the following microcomputer facilities:
• Timer A0 (timer mode, main 2 ms cycle)
This timer counts 2 milliseconds using the main clock of the microcomputer as the count source.
It is used as the basic timer of RSK_LIB.
Time management, key scan, and LCD display management are performed using this timer.
• Timer A1 (pulse modulation mode, buzzer output)
This timer outputs a waveform with different high and low pulse widths using the main clock of the microcomputer as the count
source.
It is used to sound a buzzer each time a key is touched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com