Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGSW1A Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW1A
Description  SPST Non-Reflective AlGaAs PIN Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW1A Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW1A Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPST Non-Reflective AlGaAs PIN Diode Switch
V5
MA4AGSW1A
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
5
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
MA4AGSW1A Schematic with Bias Network for 10-30Ghz
Operation of the MA4AGSW1A Switch
An external bias network and D.C return is required for successful operation of the MA4AGSW1A absorptive
SPST AlGaAs PIN diode switch. The backside area of the die is the RF and D.C. ground return plane. In the
low loss state, the series diode is forward biased with negative current at D.C. Bias 1 and the match diode is
biased at 0V at D.C. Bias B. In the isolated state, the shunt diode and the match diode are both forward biased
at D.C. Bias B1 and D.C. Bias B (series diode becomes reverse biased ). This isolation state bias results in a
good 50Ω match into Port J2. Typical driver connections are shown in Table I below. The bias network design
shown in the schematic should yield > 30dB RF to DC isolation.
TYPICAL DRIVER CONNECTIONS
J1-J2 Low Loss : Good VSWR at J1 & J2
D.C. Bias 1 = -10mA
D.C. Bias 1 = +10mA
D.C. Bias B = 0V
D.C. Bias B = +10mA
J1-J2 Isolation : Good VSWR at J2
Notes:
1.
D.C. Bias 1 and D.C. Bias B nodes can be connected together.
2.
Diode junction forward bias voltage, Δ Vf @ 10 mA ~ 1.35 V @ + 25° C.
10 pF
DC Bias
4.7 nH
10 pF
MA4AGSW1A Chip
B1
DC and RF ground return
on backside of chip
Matching
diode bias
MA4AGSW1A Chip
10 pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com