Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGSW1A Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW1A
Description  SPST Non-Reflective AlGaAs PIN Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW1A Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW1A Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPST Non-Reflective AlGaAs PIN Diode Switch
V5
MA4AGSW1A
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
FEATURES
♦ Ultra Broad Bandwidth: 50 MHz to 50 GHz
♦ Functional Bandwidth : 50 MHz to 70 GHz
♦ 0.5 dB Insertion Loss at 50GHz
♦ 46 dB Isolation at 50 GHz
♦ Low Current consumption.
• -10mA /1.35V for low loss state
•+10mA /1.35V for Isolation state
♦ Silicon Nitride Passivation
♦ Polymer Scratch protection
♦ RoHS Compliant
DESCRIPTION
M/A-COM’s, MA4AGSW1A is an Aluminum-Gallium-
Arsenide, single pole, single throw (SPST), absorptive
PIN diode switch. The switch features enhanced AlGaAs
anodes which are formed using M/A-COM’s patented
hetero-junction technology. AlGaAs technology produces
a switch with less loss than a device fabricated using
conventional GaAs processes. As much as a 0.3dB
reduction in insertion loss can be realized at 50GHz. This
device is fabricated on an OMCVD epitaxial wafer using
a process designed for high device uniformity and
extremely low parasitics. The PIN diodes within the chip
exhibit low series resistance, low capacitance, and fast
switching speed. They are fully passivated with silicon
nitride and have an additional polymer layer for scratch
protection. The protective coating prevents damage
during handling and assembly to the diode junction as
well as the anode air-bridges . Off chip bias circuitry will
be required.
APPLICATIONS
The output port of this device, J2, is terminated into 50Ω
during isolation mode, which allows this signal to be
absorbed rather than reflected back. This functionality
makes it ideal for instrumentation and radar applications.
An absorptive switch can be added to other AlGaAs
reflective switches to improve isolation VSWR and
increase isolation magnitude. The ultra low capacitance
of the PIN diodes makes it ideal for usage in low loss and
high isolation microwave and millimeter wave switch
designs through 70 GHz. The lower series resistance of
the AlGaAs diodes reduces the total insertion loss and
distortion of the device. AlGaAs PIN switches are used in
applications such as switching arrays for radar systems,
radiometers, and other multi-function components.
Maximum combined operating conditions for RF Power, D.C. bias,
and temperature: +23 dBm C.W. @ 10 mA (per diode) @ +85°C.
Yellow areas indicate bond pads
Parameter
Maximum Rating
Operating Temperature
-55°C to +125°C
Storage Temperature
-55°C to +150°C
Incident C.W. RF Power
+23dBm C.W.
Breakdown Voltage
25V
Bias Current
± 25mA
Assembly Temperature
+300°C < 10 sec
Junction Temperature
+175°C
Absolute Maximum Ratings @ TAMB = +25°C


Similar Part No. - MA4AGSW1A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW1A MACOM-MA4AGSW1A Datasheet
243Kb / 15P
AlGaAs SPST Non-Reflective PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
137Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A_15 Datasheet
593Kb / 8P
SPST Non-Reflective AlGaAs PIN Diode Switch
More results

Similar Description - MA4AGSW1A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW1A MACOM-MA4AGSW1A Datasheet
243Kb / 15P
AlGaAs SPST Non-Reflective PIN Diode Switch
MA4AGSW5 MACOM-MA4AGSW5 Datasheet
170Kb / 7P
AlGaAs SP5T Reflective PIN Diode Switch
MA4AGSW1 MACOM-MA4AGSW1 Datasheet
178Kb / 6P
AlGaAs SPST Reflective PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW1 MA-COM-MA4AGSW1 Datasheet
136Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
137Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1_V5 MA-COM-MA4AGSW1_V5 Datasheet
121Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch
logo
Alpha Industries
AS259M1-12 ALPHA-AS259M1-12 Datasheet
26Kb / 2P
GaAs IC SPST Non-Reflective Switch DC
logo
M/A-COM Technology Solu...
MA4AGSW1 MA-COM-MA4AGSW1_13 Datasheet
294Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW1A MA-COM-MA4AGSW1A_15 Datasheet
593Kb / 8P
SPST Non-Reflective AlGaAs PIN Diode Switch
logo
Custom MMIC Design Serv...
CMD204 MMIC-CMD204 Datasheet
234Kb / 9P
DC-20 GHz SPST Non-reflective Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com