Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4E2502 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4E2502
Description  SURMOUNTTM Low, Medium, and High
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E2502 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4E2502 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4E2502 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E2502 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4E2502 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4E2502 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SURMOUNTTM Low, Medium, and High
Barrier Silicon Schottky Diodes
M/A-COM Products
Rev. V9
MA4E2502 Series
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Extremely Low Parasitic Capacitance and In-
ductance
• Surface Mountable in Microwavable Circuits, No
Wirebonds Required
• Rugged HMIC Construction with Polyimide
Scratch Protection
• Reliable, Multilayer Metalization with a Diffusion
Barrier, 100% Stabilization Bake (300°C, 16
hours)
• Lower Susceptibility to ESD Damage
• RoHS Compliant
Description and Applications
The MA4E2502 SURMOUNT
TM Series Diodes are
Silicon Low, Medium, and High Barrier Schottky
Devices fabricated with the patented Heterolithic
Microwave Integrated Circuit (HMIC) process.
HMIC circuits consist of Silicon pedestals which
form diodes or via conductors embedded in a glass
dielectric, which acts as the low dispersion, micro-
strip transmission medium.
The combination of
silicon and glass allows HMIC devices to have ex-
cellent loss and power dissipation characteristics in
a low profile, reliable device.
The Surmount Schottky devices are excellent
choices for circuits requiring the small parasitics of
a beam lead device coupled with the superior me-
chanical performance of a chip.
The Surmount
structure employs very low resistance silicon vias
to connect the Schottky contacts to the metalized
mounting pads on the bottom surface of the chip.
These devices are reliable, repeatable, and a lower
cost performance solution to conventional devices.
They have lower susceptibility to electrostatic dis-
charge than conventional beam lead Schottky di-
odes.
The multilayer metallization employed in the fabri-
cation of the Surmount Schottky junctions includes
a platinum diffusion barrier, which permits all de-
vices to be subjected to a 16-hour non-operating
stabilization bake at 300°C.
The “0502” outline allows for Surface Mount place-
ment and multi-functional polarity orientations.
The MA4E2502 Family of Surmount Schottky di-
odes are recommended for use in microwave cir-
cuits through Ku band frequencies for lower power
applications such as mixers, sub-harmonic mixers,
detectors, and limiters.
The HMIC construction
facilitates the direct replacement of more fragile
beam lead diodes with the corresponding Sur-
mount diode, which can be connected to a hard or
soft substrate circuit with solder.
Case Style 1246
DIM
INCHES
MIN.
MAX.
MIN.
MAX.
A
0.0445
0.0465
1.130
1.180
B
0.0169
0.0189
0.430
0.480
C
0.0040
0.0080
0.102
0.203
D Sq.
0.0128
0.0148
0.325
0.375
E
0.0128
0.0148
0.325
0.375
MILLIMETERS


Similar Part No. - MA4E2502

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E2502 MACOM-MA4E2502 Datasheet
269Kb / 4P
SURMOUNTTM Low, Medium and High Barrier Silicon Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2502 MA-COM-MA4E2502 Datasheet
115Kb / 5P
SURMOUNTTM Low, Medium, and High Barrier Silicon Schottky Diodes
logo
Tyco Electronics
MA4E2502H MACOM-MA4E2502H Datasheet
269Kb / 4P
SURMOUNTTM Low, Medium and High Barrier Silicon Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2502H MA-COM-MA4E2502H Datasheet
115Kb / 5P
SURMOUNTTM Low, Medium, and High Barrier Silicon Schottky Diodes
MA4E2502H-1246 MA-COM-MA4E2502H-1246 Datasheet
115Kb / 5P
SURMOUNTTM Low, Medium, and High Barrier Silicon Schottky Diodes
More results

Similar Description - MA4E2502

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E2502 MACOM-MA4E2502 Datasheet
269Kb / 4P
SURMOUNTTM Low, Medium and High Barrier Silicon Schottky Diodes
MA4E2508 MACOM-MA4E2508 Datasheet
102Kb / 4P
SURMOUNTTM Low and Medium & High Barrier Silicon Schottky Diodes: Anti-Parallel Pair
logo
M/A-COM Technology Solu...
MA4E2502 MA-COM-MA4E2502 Datasheet
115Kb / 5P
SURMOUNTTM Low, Medium, and High Barrier Silicon Schottky Diodes
MA4E2508 MA-COM-MA4E2508 Datasheet
103Kb / 4P
SURMOUNTTM Low, Medium, & High Barrier Silicon Schottky Diodes: Anti-Parallel Pair
MA4E2514 MA-COM-MA4E2514 Datasheet
103Kb / 4P
SURMOUNTTM Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
MA4E2532 MA-COM-MA4E2532 Datasheet
108Kb / 4P
SURMOUNTTM Low & Medium Barrier Silicon Schottky Diodes: Ring Quad Series
MADP-042XX5-13060 MA-COM-MADP-042XX5-13060 Datasheet
140Kb / 4P
SURMOUNTTM PIN Diodes
MADP042005 MA-COM-MADP042005 Datasheet
136Kb / 4P
SURMOUNTTM PIN Diodes
MA4SPS420 MA-COM-MA4SPS420 Datasheet
208Kb / 7P
SURMOUNTTM PIN Diodes
MA4SPS552-V1 MA-COM-MA4SPS552-V1 Datasheet
146Kb / 6P
SURMOUNTTM PIN Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com