Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4E2502 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA4E2502
Description  SURMOUNTTM Low, Medium, and High
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E2502 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA4E2502 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4E2502 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E2502 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4E2502 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4E2502 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SURMOUNTTM Low, Medium, and High
Barrier Silicon Schottky Diodes
M/A-COM Products
Rev. V9
MA4E2502 Series
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
MA4E2502L Low Barrier SPICE PARAMETERS
Is
(nA)
Rs
(Ω)
N
Cj0
(pF)
M
Ik
(mA)
Cjpar
(pF)
Vj
(V)
FC
BV
(V)
IBV
(mA)
26
12.8
1.20
1.0 E-2
0.5
14
9.0 E-2
8.0 E-2
0.5
5.0
1.0 E-2
Is
(mA)
Rs
(Ω)
N
Cj0
(pF)
M
Ik
(mA)
Cjpar
(pF)
Vj
(V)
FC
BV
(V)
IBV
(mA)
5 E-1
9.6
1.20
1.0 E-02
0.5
10
9.0 E-2
8.0 E-2
0.5
5.0
1.0 E-2
MA4E2502M Medium Barrier SPICE PARAMETERS
Is
(mA)
Rs
(Ω)
N
Cj0
(pF)
M
Ik
(mA)
Cjpar
(pF)
Vj
(V)
FC
BV
(V)
IBV
(mA)
5.7 E-1
6.5
1.20
1.0 E-02
0.5
4
9.0 E-2
8.0 E-2
0.5
5.0
1.0 E-2
MA4E2502H High Barrier SPICE PARAMETERS
Circuit Mounting Dimensions (Inches)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com