Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8306EC Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC8306EC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8306EC Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC8306EC Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
MPC8306 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
62
Freescale Semiconductor
Clocking
In addition, some of the internal units may be required to be shut off or operate at lower frequency than
the csb_clk frequency. These units have a default clock ratio that can be configured by a memory mapped
register after the device comes out of reset.
Table 53 specifies which units have a configurable clock frequency. For detailed description, refer to the
“System Clock Control Register (SCCR)” section in the MPC8306 PowerQUICC II Pro Communications
Processor Reference Manual.
NOTE
Setting the clock ratio of these units must be performed prior to any access
to them.
Table 54 provides the maximum operating frequencies for the MPC8306 MAPBGA under recommended
operating conditions (see Table 2).
22.2
System PLL Configuration
The system PLL is controlled by the RCWL[SPMF] parameter. Table 55 shows the multiplication factor
encodings for the system PLL.
NOTE
System PLL VCO frequency = 2 × (CSB frequency) × (System PLL VCO
divider). The VCO divider needs to be set properly so that the System PLL
VCO frequency is in the range of 450–750 MHz.
As described in Section 22, “Clocking,” the LBCM, DDRCM, and SPMF parameters in the reset
configuration word low select the ratio between the primary clock input (SYS_CLK_IN) and the internal
Table 53. Configurable Clock Units
Unit
Default Frequency
Options
I2C,SDHC, USB, DMA Complex
csb_clk
Off, csb_clk, csb_clk/2, csb_clk/3
Table 54. Operating Frequencies for MAPBGA
Characteristic1
1 The SYS_CLK_IN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen such that the resulting csb_clk,
MCLK, LCLK, and core_clk frequencies do not exceed their respective maximum or minimum operating frequencies.
Max Operating Frequency
Unit
e300 core frequency (core_clk)266
MHz
Coherent system bus frequency (csb_clk)133
MHz
QUICC Engine frequency (qe_clk)200
MHz
DDR2 memory bus frequency (MCLK)2
2 The DDR2 data rate is 2× the DDR2 memory bus frequency.
133
MHz
Local bus frequency (LCLKn)3
3 The local bus frequency is 1/2, 1/4, or 1/8 of the lb_clk frequency (depending on LCCR[CLKDIV]) which is in turn 1× or 2× the
csb_clk
frequency (depending on RCWL[LBCM]).
66
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com