Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8306EC Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8306EC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8306EC Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8306EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
MPC8306 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
Freescale Semiconductor
11
Power Characteristics
Table 6 shows the estimated typical I/O power dissipation for the device.
Table 6. Typical I/O Power Dissipation
Interface
Parameter
GVDD
(1.8 V)
OVDD
(3.3 V)
Unit
Comments
DDR I/O
65% utilization
1.8 V
Rs = 20 
Rt = 50 
1 pair of clocks
266 MHz, 1
 16 bits
0.141
—
W
—
Local bus I/O load = 25 pF
1 pair of clocks
66 MHz, 26 bits
—0.150
W
1
QUICC Engine block and other I/Os
TDM serial, HDLC/TRAN
serial, DUART, MII, RMII,
Ethernet management,
USB, SPI ,
Timer output
FlexCAN
eSDHC
Note:
1. Typical IO power is based on a nominal voltage of VDD = 3.3V, ambient temperature, and the core running a Dhrystone
benchmark application. The measurements were taken on the evaluation board using WC process silicon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com