Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2571 Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MIC2571
Description  Single-Cell Switching Regulator Final Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2571 Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MIC2571 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997
3
MIC2571
MIC2571
Micrel
Electrical Characteristics
VIN = 1.5V; TA = 25°C, bold indicates –40°C ≤ TA ≤ 85°C; unless noted
Parameter
Condition
Min
Typ
Max
Units
Input Voltage
Startup guaranteed, ISW = 100mA
15
V
0.9
V
2.7
3.14
4.75
3.0
3.47
5.25
208
232
Quiescent Current
Output switch off
120
µA
Fixed Feedback Voltage
MIC2571-1; V2.85V pin = VOUT, ISW = 100mA
2.85
V
MIC2571-1; V3.3V pin = VOUT, ISW = 100mA
3.30
V
MIC2571-1; V5V pin = VOUT, ISW = 100mA
5.00
V
Reference Voltage
MIC2571-2, [adj. voltage versions], ISW = 100mA, Note 1
220
mV
Comparator Hysteresis
MIC2571-2, [adj. voltage versions]
6
mV
Output Hysteresis
MIC2571-1; V2.85V pin = VOUT, ISW = 100mA
65
mV
MIC2571-1; V3.3V pin = VOUT, ISW = 100mA
75
mV
MIC2571-1; V5V pin = VOUT, ISW = 100mA
120
mV
Feedback Current
MIC2571-1; V2.85V pin = VOUT
4.5
µA
MIC2571-1; V3.3V pin = VOUT
4.5
µA
MIC2571-1; V5V pin = VOUT
4.5
µA
MIC2571-2, [adj. voltage versions]; VFB = 0V
25
nA
Reference Line Regulation
1.0V ≤ VIN ≤ 12V
0.35
%/V
Switch Saturation Voltage
VIN = 1.0V, ISW = 200mA
200
mV
VIN = 1.2V, ISW = 600mA
400
mV
VIN = 1.5V, ISW = 800mA
500
mV
Switch Leakage Current
Output switch off, VSW = 36V
1
µA
Oscillator Frequency
MIC2571-1, -2; ISW = 100mA
20
kHz
Maximum Output Voltage
36
V
Sync Threshold Voltage
0.7
V
Switch On Time
35
µs
Currrent Limit
1.1
A
Duty Cycle
VFB < VREF, ISW = 100mA
67
%
General Note: Devices are ESD protected; however, handling precautions are recommended.
Note 1: Measured using comparator trip point.
Absolute Maximum Ratings
Supply Voltage (VIN) .....................................................18V
Switch Voltage (VSW) ....................................................36V
Switch Current (ISW) .......................................................1A
Sync Voltage (VSYNC) .................................... –0.3V to 15V
Storage Temperature (TA) ....................... –65°C to +150°C
MSOP Power Dissipation (PD) ................................250mW
Operating Ratings
Supply Voltage (VIN) .................................... +0.9V to +15V
Ambient Operating Temperature (TA) ........ –40°C to +85°C
Junction Temperature (TJ) ....................... –40°C to +125°C
MSOP Thermal Resistance (θJA) ..........................240°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com