Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2571 Datasheet(PDF) 9 Page - MIC GROUP RECTIFIERS

Part # MIC2571
Description  Single-Cell Switching Regulator Final Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2571 Datasheet(HTML) 9 Page - MIC GROUP RECTIFIERS

Back Button MIC2571 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC2571 Datasheet HTML 12Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1997
9
MIC2571
MIC2571
Micrel
GND
5V
SW
MIC2571
SYNC
U1 Micrel
MIC2571-1BMM
C1 Sprague
594D476X0016C2T Tantalum ESR = 0.11
Ω
C2 Sprague
594D476X0016C2T Tantalum ESR = 0.11
Ω
D1 Motorola
MBR0530T1
L1
Coilcraft
DO1608C-154 DCR = 1.7
Ω
7
4
1
2
8
IN
C2
47µF
16V
VOUT
5V/5mA
1V to 1.5V
1 Cell
C1*
47µF
16V
D1
MBR0530
L1
150µH
* Needed if battery is more than 4" away from MIC2571
Example 1. 5V/5mA Regulator
GND
3.3V
SW
MIC2571
SYNC
U1 Micrel
MIC2571-1BMM
C1 Sprague
594D476X0016C2T Tantalum ESR = 0.11
Ω
C2 Sprague
594D476X0016C2T Tantalum ESR = 0.11
Ω
D1 Motorola
MBR0530T1
L1
Coilcraft
DO1608C-154 DCR = 1.7
Ω
7
5
1
2
8
IN
C2
47µF
16V
VOUT
3.3V/8mA
1V to 1.5V
1 Cell
C1*
47µF
16V
D1
MBR0530
L1
150µH
* Needed if battery is more than 4" away from MIC2571
Example 2. 3.3V/8mA Regulator
GND
FB
SW
MIC2571
SYNC
U1 Micrel
MIC2570-2BMM
C1 Sprague
594D476X0016C2T Tantalum ESR = 0.11
Ω
C2 Sprague
594D156X0025C2T Tantalum ESR = 0.22
Ω
D1 Motorola
MBRA0530T1
L1
Coilcraft
DO1608C-154 DCR = 1.7
Ω
7
6
1
2
8
IN
C2
15µF
25V
VOUT
12V/2mA
1.0V to 1.5V
1 Cell
C1*
47µF
16V
D1
MBR0530
L1
150µH
R2
1M
1%
R1
20k
1%
* Needed if battery is more than 4" away from MIC2571
VOUT = 0.22V
(1 + R2/R1)
Example 3. 12V/40mA Regulator
Application Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com