Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4043YM4 Datasheet(PDF) 6 Page - MIC GROUP RECTIFIERS

Part # MIC4043YM4
Description  Low-Voltage Secondary-Side Shunt Regulator Final Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4043YM4 Datasheet(HTML) 6 Page - MIC GROUP RECTIFIERS

Back Button MIC4043YM4 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4043YM4 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4043YM4 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4043YM4 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4043YM4 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4043YM4 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4043YM4 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4043YM4 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4043YM4 Datasheet HTML 10Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC4043
Micrel
MIC4043
6
November 2000
Applications Information
Replacement of ’431-Type Devices
Since the MIC4043 uses a high-side reference,
external
voltage dividers providing the feedback voltage will be
inverted when compared to those used with ’431-equiva-
lent devices.
The industry-standard ’431 is also typically used in series with
an opto-isolator LED. This configuration has a voltage drop of
at least 2.5V for the ’431 plus 1.4V for the LED (3.9V). More
recent lower-voltage shunt regulators require at least 1.25V
of headroom in addition to the 1.4V for the opto isolator, for
a total of 2.65V.
The MIC4043 removes the need to place the shunt reference
in parallel with the opto-isolator. The MIC4043 combines a
1.245V reference in conjunction with an error amplifier that
drives an NPN output transistor. The NPN transistor is
connected in series with the opto-isolator and regulates the
drive current in the opto-isolator. Unlike conventional shunt
regulators, the MIC4043 does not have to connect the shunt
reference in series with the opto-isolator. Only the NPN
output stage is in series with the opto-isolator, so the voltage
drop is just the saturation voltage or one transistor, typucally
160mV at full load
Compensation
The noninverting side of the error amplifier is connected to the
high-side reference; the reference is connected to the IN pin.
The inverting side of the error amplifier is brought out to the
FB pin. For some applications, no compensation is needed,
but for most, some resistor capacitor network is necessary
between the FB pin and GND pin. The value of the feedback
capacitance is application specific, but for most applications
100pF to 3000pF is all that is needed. Changing the feedback
capacitor changes the loop response; that is, phase and gain
margin. An empirical way to check overall system loop
response, if a network analyzer is not available, is to step load
the output of the systems from 10% to 100% of nominal load.
The resultant small signal response at the output of the
systems will provide an idea of which direction to go based on
the overshoot and settling time of V
OUT.
Voltage Detector
IN
R1
Logic
Output
RPULL-UP
R2
33k
GND FB
SNK
VOUT
(FROM
POWER
SUPPLY)
MIC4043
DISABLED
ENABLED
V
1.245V
R2
R1
1
TRIP =+


Figure 1. Voltage Detector
Figure 1 shows a simple voltage threshold detector with a
logic output.
High-Current Regulator
IN
40
Ω
1000pF
Q1
RBIAS
IBIAS
≥500µA
R2
33k
GND FB
SNK
MIC4043
VOUT = 2.5V
VIN
V
1.245V
R2
R1
1
R1 33k, R2
33k
OUT =+


∴=
=
Figure 2. High-Current Regulator
For the high-current regulator shown in Figure 2, headroom
is equal to the saturation voltage of Q1 plus the saturation
voltage of the MIC4043 (V
SAT(min) = 200mV).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com