Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4043YM4 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # MIC4043YM4
Description  Low-Voltage Secondary-Side Shunt Regulator Final Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4043YM4 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  MIC4043YM4 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4043YM4 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4043YM4 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4043YM4 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4043YM4 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4043YM4 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4043YM4 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4043YM4 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4043YM4 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2000
1
MIC4043
MIC4043
Micrel
MIC4043
Low-Voltage Secondary-Side Shunt Regulator
Final Information
General Description
The MIC4043 is a shunt regulator optimized for secondary-
side regulation in low-voltage power supplies. Featuring an
output stage guaranteed to swing within 400mV of ground,
the MIC4043 can be used in power supplies operating down
to 1.8V, even with optoisolators requiring greater than 1.2V of
headroom.
In power supply applications, the MIC4043 normally drives
the LED of an optically isolated feedback circuit. The MIC4043
monitors a resistively-divided output voltage and sinks error
current through the optoisolator’s LED (secondary side); the
optoisolator’s transistor (primary side) provides this signal to
the controller’s feedback input. The MIC4043 is also practical
for other voltage-monitoring applications requiring an open-
collector output.
The MIC4043 replaces conventional ’431-type shunt regula-
tors to allow low-voltage applications where there is inad-
equate headroom for a 2.5V regulator in series with an
optoisolator. Replacing ’431-type devices requires only a
minor change to the way that the resistive-divider values are
calculated.
Typical Application
VOUT
MIC4043
MIC38HC43BN
VDD
VREF
GND
COMP
VOUT
RT/CT
FB
ISNS
2
1
4
3
8
5
7
6
Return
1
2
7
6
4
3
FB
GND
SNK
IN
VIN
OPTICAL
ISOLATION
COMPENSATION
MIC4043
Low-Side Feedback
Control
R1
R2
V
1.245V
R2
R1
1
OUT =+


200kHz DC-DC Flyback Converter
Features
• Ideal for 1.8V switching converters
• Low-voltage operation
400mV maximum saturation over
operating temperature range
• Easy to use
voltage in, current out
• 2% voltage tolerance over operating temperature range
Applications
• Optically isolated low-volage power supplies
• Low-voltage discrete regulator control
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - MIC4043YM4

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4043YM4 MICREL-MIC4043YM4 Datasheet
453Kb / 12P
Low-Voltage Secondary-Side Shunt Regulator
MIC4043YM4 MICREL-MIC4043YM4 Datasheet
1Mb / 14P
Low-Voltage, Secondary-Side Shunt Regulator
More results

Similar Description - MIC4043YM4

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2184 MICREL-MIC2184 Datasheet
75Kb / 12P
Low Voltage Buck PWM Control IC Final Information
MIC4043 MICREL-MIC4043 Datasheet
3Mb / 12P
Low-Voltage Secondary-Side Shunt Regulator
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
1A 200kHz SuperSwitcher??Buck Regulator Final Information
MIC5014-1 MICREL-MIC5014-1 Datasheet
76Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver Final Information
logo
Analog Microelectronics
AME4311 AME-AME4311 Datasheet
135Kb / 8P
Low Voltage Shunt Regulator
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
Adjustable Low Voltage Shunt Regulator
432.2005.11.1.3
logo
MIC GROUP RECTIFIERS
MIC2571 MIC-MIC2571_11 Datasheet
574Kb / 12P
Single-Cell Switching Regulator Final Information
logo
Micrel Semiconductor
MIC4043 MICREL-MIC4043_02 Datasheet
453Kb / 12P
Low-Voltage Secondary-Side Shunt Regulator
MIC4043 MICREL-MIC4043_14 Datasheet
1Mb / 14P
Low-Voltage, Secondary-Side Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com