Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5014-1 Datasheet (PDF) - Micrel Semiconductor

MIC5014-1 Datasheet PDF - Micrel Semiconductor
Part # MIC5014-1
Download  MIC5014-1 Download
File Size   76.16 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low-Cost High- or Low-Side MOSFET Driver Final Information

MIC5014-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5014-1 Datasheet PDF - Micrel Semiconductor

Part # MIC5014-1
Download  MIC5014-1 Click to download

File Size   76.16 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low-Cost High- or Low-Side MOSFET Driver Final Information

MIC5014-1 Datasheet (HTML) - Micrel Semiconductor


MIC5014-1 Product details

General Description

MIC5014 and MIC5015 MOSFET drivers are designed for gate control of N-channel, enhancement-mode, power MOSFETs used as high-side or low-side switches. The MIC5014/5 can sustain an on-state output indefinitely. The MIC5014/5 operates from a 2.75V to 30V supply. In high side configurations, the driver can control MOSFETs that switch loads of up to 30V. In low-side configurations, with separate supplies, the maximum switched voltage is limited only by the MOSFET.



Features

• 2.75V to 30V operation

• 100µA maximum supply current (5V supply)

• 15µA typical off-state current

• Internal charge pump

• TTL compatible input

• Withstands 60V transient (load dump)

• Reverse battery protected to –20V

• Inductive spike protected to –20V

• Overvoltage shutdown at 35V

•  Internal 15V gate protection

• Minimum external parts

• Operates in high-side or low-side configurations

• 1µA control input pull-off

• Inverting and noninverting versions



Applications

• Automotive electrical load control

• Battery-powered computer power management

• Lamp control

• Heater control

• Motor control

•Power bus switching




Similar Part No. - MIC5014-1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5014 MICREL-MIC5014 Datasheet
85Kb / 9P
Low-Cost High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014 Datasheet
515Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver
MIC5014BM MICREL-MIC5014BM Datasheet
85Kb / 9P
Low-Cost High- or Low-Side MOSFET Driver
MIC5014BM MICREL-MIC5014BM Datasheet
515Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver
MIC5014BN MICREL-MIC5014BN Datasheet
85Kb / 9P
Low-Cost High- or Low-Side MOSFET Driver
More results


Similar Description - MIC5014-1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5011 MICREL-MIC5011 Datasheet
121Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
Protected High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014 Datasheet
85Kb / 9P
Low-Cost High- or Low-Side MOSFET Driver
MIC5016 MICREL-MIC5016 Datasheet
130Kb / 9P
Low-Cost Dual High- or Low-Side MOSFET Driver
MIC5010 MICREL-MIC5010 Datasheet
189Kb / 16P
Full-Featured High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011_05 Datasheet
213Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
Protected High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4043 MIC-MIC4043_11 Datasheet
453Kb / 12P
Low-Voltage Secondary-Side Shunt Regulator Final Information
logo
Micrel Semiconductor
MIC5016 MICREL-MIC5016_02 Datasheet
85Kb / 12P
Low-Cost Dual High- or Low-Side MOSFET Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com