Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5014 Datasheet (PDF) - Micrel Semiconductor

MIC5014 Datasheet PDF - Micrel Semiconductor
Part # MIC5014
Download  MIC5014 Download
File Size   85.16 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low-Cost High- or Low-Side MOSFET Driver

MIC5014 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5014 Datasheet PDF - Micrel Semiconductor

Part # MIC5014
Download  MIC5014 Click to download

File Size   85.16 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low-Cost High- or Low-Side MOSFET Driver

MIC5014 Datasheet (HTML) - Micrel Semiconductor


MIC5014 Product details

General Description
MIC5014 and MIC5015 MOSFET drivers are designed for gate control of N-channel, enhancement-mode, power MOSFETs used as high-side or low-side switches. The MIC5014/5 can sustain an on-state output indefinitely.

Features
• 2.75V to 30V operation
• 100µA maximum supply current (5V supply)
• 15µA typical off-state current
• Internal charge pump
• TTL compatible input
• Withstands 60V transient (load dump)
• Reverse battery protected to –20V
• Inductive spike protected to –20V
• Overvoltage shutdown at 35V
• Internal 15V gate protection
• Minimum external parts
• Operates in high-side or low-side configurations
• 1µA control input pull-off
• Inverting and noninverting versions

Applications
• Automotive electrical load control
• Battery-powered computer power management
• Lamp control
• Heater control
• Motor control
• Power bus switching




Similar Part No. - MIC5014

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5014 MICREL-MIC5014 Datasheet
515Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver
MIC5014-1 MICREL-MIC5014-1 Datasheet
76Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver Final Information
MIC5014BM MICREL-MIC5014BM Datasheet
76Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver Final Information
MIC5014BM MICREL-MIC5014BM Datasheet
515Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver
MIC5014BN MICREL-MIC5014BN Datasheet
76Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver Final Information
More results


Similar Description - MIC5014

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5011 MICREL-MIC5011 Datasheet
121Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
Protected High- or Low-Side MOSFET Driver
MIC5014-1 MICREL-MIC5014-1 Datasheet
76Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver Final Information
MIC5016 MICREL-MIC5016 Datasheet
130Kb / 9P
Low-Cost Dual High- or Low-Side MOSFET Driver
MIC5010 MICREL-MIC5010 Datasheet
189Kb / 16P
Full-Featured High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011_05 Datasheet
213Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
Protected High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver
MIC5016 MICREL-MIC5016_02 Datasheet
85Kb / 12P
Low-Cost Dual High- or Low-Side MOSFET Driver
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
Automotive octal low side driver or quad low side plus quad high side driver
18-Apr-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com