Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5014 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5014
Description  Low-Cost High- or Low-Side MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5014 Datasheet(HTML) 9 Page - Micrel Semiconductor

  MIC5014 Datasheet HTML 1Page - Micrel Semiconductor MIC5014 Datasheet HTML 2Page - Micrel Semiconductor MIC5014 Datasheet HTML 3Page - Micrel Semiconductor MIC5014 Datasheet HTML 4Page - Micrel Semiconductor MIC5014 Datasheet HTML 5Page - Micrel Semiconductor MIC5014 Datasheet HTML 6Page - Micrel Semiconductor MIC5014 Datasheet HTML 7Page - Micrel Semiconductor MIC5014 Datasheet HTML 8Page - Micrel Semiconductor MIC5014 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MIC5014/5015
Micrel
1997
5-145
5
High Side Driver With Load Protection (Figure 12) Al-
though the MIC5014/15 devices are reverse battery pro-
tected, the load and power FET are not, in a typical high side
configuration. In the event of a reverse battery condition, the
internal body diode of the power FET will be forward biased.
This allows the reversed supply access to the load.
Push-Pull Driver With No Cross-Conduction (Figure 13)
As the turn-off time of the MIC5014/15 devices is much faster
than the turn-on time, a simple push-pull driver with no cross
conduction can be made using one MIC5014 and one
MIC5015. The same control signal is applied to both inputs;
the MIC5014 turns on with the positive signal, and the
MIC5015 turns on when it swings low.
This scheme works with no additional components as the
relative time difference between the rise and fall times of the
MIC5014 is large. However, this does mean that there is
Figure 13: Push-Pull Driver
The addition of a Schottky diode between the supply and the
FET eliminates this problem. The MBR2035CT was chosen
as it can withstand 20A continuous and 150A peak,
and should survive the rigors of an automotive environment.
The two diodes are paralleled to reduce switch loss (forward
voltage drop).
Figure 12: High Side Driver WIth Load Protection
considerable deadtime (time when neither driver is turned on).
If this circuit is used to drive an inductive load, catch diodes
must be used on each half to provide an alternate path for the
kickback current that will flow during this deadtime.
This circuit is also a simple half H-bridge which can be driven
with a PWM signal on the input for SMPS or motor drive
applications in which high switching frequencies are not
desired.
MIC5014
Control Input
OFF
ON
1
2
3
4
8
7
6
5
IRF540
12V
NC
Gate
Gnd
Source
Input
V+
NC
NC
10µF
MBR2035CT
MIC5014
Control Input
1
2
3
4
8
7
6
5
IRFZ40
12V
NC
Gate
Gnd
Source
Input
V+
NC
NC
10µF
MIC5015
1
2
3
4
8
7
6
5
NC
Gate
Gnd
Source
Input
V+
NC
NC
12V
IRFZ40
VOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com