Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5014 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5014
Description  Low-Cost High- or Low-Side MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5014 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5014 Datasheet HTML 1Page - Micrel Semiconductor MIC5014 Datasheet HTML 2Page - Micrel Semiconductor MIC5014 Datasheet HTML 3Page - Micrel Semiconductor MIC5014 Datasheet HTML 4Page - Micrel Semiconductor MIC5014 Datasheet HTML 5Page - Micrel Semiconductor MIC5014 Datasheet HTML 6Page - Micrel Semiconductor MIC5014 Datasheet HTML 7Page - Micrel Semiconductor MIC5014 Datasheet HTML 8Page - Micrel Semiconductor MIC5014 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MIC5014/5015
Micrel
1997
5-137
5
Features
• 2.75V to 30V operation
• 100
µA maximum supply current (5V supply)
•15
µA typical off-state current
• Internal charge pump
• TTL compatible input
• Withstands 60V transient (load dump)
• Reverse battery protected to –20V
• Inductive spike protected to –20V
• Overvoltage shutdown at 35V
• Internal 15V gate protection
• Minimum external parts
• Operates in high-side or low-side configurations
•1
µA control input pull-off
• Inverting and noninverting versions
Applications
• Automotive electrical load control
• Battery-powered computer power management
• Lamp control
• Heater control
• Motor control
• Power bus switching
Ordering Information
Part Number
Temperature Range
Package
Noninverting
MIC5014BM
–40
°C to +85°C
8-pin SOIC
MIC5014BN
–40
°C to +85°C
8-pin Plastic DIP
Inverting
MIC5015BM
–40
°C to +85°C
8-pin SOIC
MIC5015BN
–40
°C to +85°C
8-pin Plastic DIP
General Description
MIC5014 and MIC5015 MOSFET drivers are designed for
gate control of N-channel, enhancement-mode, power
MOSFETs used as high-side or low-side switches.
The
MIC5014/5 can sustain an on-state output indefinitely.
The MIC5014/5 operates from a 2.75V to 30V supply. In high-
side configurations, the driver can control MOSFETs that
switch loads of up to 30V. In low-side configurations, with
separate supplies, the maximum switched voltage is limited
only by the MOSFET.
The MIC5014/5 has a TTL compatible control input. The
MIC5014 is noninverting while the MIC5015 is inverting.
The MIC5014/5 features an internal charge pump that can
sustain a gate voltage greater than the available supply
voltage. The driver is capable of turning on a logic-level
MOSFET from a 2.75V supply or a standard MOSFET from a
5V supply. The gate-to-source output voltage is internally
limited to approximately 15V.
The MIC5014/5 is protected against automotive load dump,
reversed battery, and inductive load spikes of –20V. The
driver’s overvoltage shutdown feature turns off the external
MOSFET at approximately 35V to protect the load against
power supply excursions.
The MIC5014 is an improved pin-for-pin compatible replace-
ment in many MIC5011 applications.
The MIC5014/5 is available in plastic 8-pin DIP and 8-pin
SOIC pacakges.
MIC5014/5015
Low-Cost High- or Low-Side MOSFET Driver
MIC5014
Control Input
OFF
ON
1
2
3
4
8
7
6
5
IRLZ24
+3V to +4V
NC
Gate
Gnd
Source
Input
V+
NC
NC
10µF
Figure 1. 3V “Sleep-Mode” Switch
with a Logic-Level MOSFET
Typical Application


Similar Part No. - MIC5014

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5014 MICREL-MIC5014 Datasheet
515Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver
MIC5014-1 MICREL-MIC5014-1 Datasheet
76Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver Final Information
MIC5014BM MICREL-MIC5014BM Datasheet
76Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver Final Information
MIC5014BM MICREL-MIC5014BM Datasheet
515Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver
MIC5014BN MICREL-MIC5014BN Datasheet
76Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver Final Information
More results

Similar Description - MIC5014

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5011 MICREL-MIC5011 Datasheet
121Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
Protected High- or Low-Side MOSFET Driver
MIC5014-1 MICREL-MIC5014-1 Datasheet
76Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver Final Information
MIC5016 MICREL-MIC5016 Datasheet
130Kb / 9P
Low-Cost Dual High- or Low-Side MOSFET Driver
MIC5010 MICREL-MIC5010 Datasheet
189Kb / 16P
Full-Featured High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011_05 Datasheet
213Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
Protected High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver
MIC5016 MICREL-MIC5016_02 Datasheet
85Kb / 12P
Low-Cost Dual High- or Low-Side MOSFET Driver
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
Automotive octal low side driver or quad low side plus quad high side driver
18-Apr-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com