Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5013 Datasheet (PDF) - Micrel Semiconductor

MIC5013 Datasheet PDF - Micrel Semiconductor
Part # MIC5013
Download  MIC5013 Download
File Size   153.36 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Protected High- or Low-Side MOSFET Driver

MIC5013 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5013 Datasheet PDF - Micrel Semiconductor

Part # MIC5013
Download  MIC5013 Click to download

File Size   153.36 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Protected High- or Low-Side MOSFET Driver

MIC5013 Datasheet (HTML) - Micrel Semiconductor


MIC5013 Product details

General Description

The MIC5013 is an 8-pin MOSFET driver with over-current shutdown and a fault flag. It is designed to drive the gate of an N-channel power MOSFET above the supply rail high-side power switch applications. The MIC5013 is compatible with standard or current-sensing power MOSFETs in both high-and low-side driver topologies.



Features

•  7V to 32V operation

•  Less than 1µA standby current in the “OFF” state

•  Available in small outline SOIC packages

•  Internal charge pump to drive the gate of an N-channel  power FET above supply

•  Internal zener clamp for gate protection

•  60µs typical turn-on time to 50% gate overdrive

•  Programmable over-current sensing

•  Dynamic current threshold for high in-rush loads

•  Fault output pin indicates current faults

•  Implements high- or low-side switches




Similar Part No. - MIC5013

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5013 MICREL-MIC5013 Datasheet
228Kb / 15P
Protected High- or Low-Side MOSFET Driver
MIC5013BM MICREL-MIC5013BM Datasheet
228Kb / 15P
Protected High- or Low-Side MOSFET Driver
MIC5013BN MICREL-MIC5013BN Datasheet
228Kb / 15P
Protected High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
Protected High- or Low-Side MOSFET Driver
More results


Similar Description - MIC5013

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Micrel Semiconductor
MIC5011 MICREL-MIC5011 Datasheet
121Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014 Datasheet
85Kb / 9P
Low-Cost High- or Low-Side MOSFET Driver
logo
Linear Technology
LT1910 LINER-LT1910 Datasheet
178Kb / 12P
Protected High Side MOSFET Driver
logo
Micrel Semiconductor
MIC5010 MICREL-MIC5010 Datasheet
189Kb / 16P
Full-Featured High- or Low-Side MOSFET Driver
logo
Linear Technology
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Micrel Semiconductor
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
Protected High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver
logo
Linear Technology
LT1161 LINER-LT1161_15 Datasheet
196Kb / 12P
Quad Protected High-Side MOSFET Driver
LT1910 LINER-LT1910_15 Datasheet
224Kb / 14P
Protected High Side MOSFET Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com