Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5010 Datasheet (PDF) - Micrel Semiconductor

MIC5010 Datasheet PDF - Micrel Semiconductor
Part # MIC5010
Download  MIC5010 Download
File Size   189.66 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Full-Featured High- or Low-Side MOSFET Driver

MIC5010 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5010 Datasheet PDF - Micrel Semiconductor

Part # MIC5010
Download  MIC5010 Click to download

File Size   189.66 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Full-Featured High- or Low-Side MOSFET Driver

MIC5010 Datasheet (HTML) - Micrel Semiconductor


MIC5010 Product details

General Description
The MIC5010 is the full-featured member of the Micrel MIC501X driver family. These ICs are designed to drive the gate of an N-channel power MOSFET above the supply rail in high-side power switch applications. The MIC5010 is compatible with standard or current-sensing power FETs in both high- and low-side driver topologies.

Features
• 7V to 32V operation
• Less than 1µA standby current in the “OFF” state
• Internal charge pump to drive the gate of an N-channel power FET above supply
• Available in small outline SOIC packages
• Internal zener clamp for gate protection
• 25µs typical turn-on time to 50% gate overdrive
• Programmable over-current sensing
• Dynamic current threshold for high in-rush loads
• Fault output pin indicates current faults
• Implements high- or low-side switches

Applications
• Lamp drivers
• Relay and solenoid drivers
• Heater switching
• Power bus switching
• Motion control
• Half or full H-bridge drivers




Similar Part No. - MIC5010

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5011 MICREL-MIC5011 Datasheet
121Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011 Datasheet
213Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5011BM MICREL-MIC5011BM Datasheet
121Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5011BM MICREL-MIC5011BM Datasheet
213Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5011BN MICREL-MIC5011BN Datasheet
121Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
More results


Similar Description - MIC5010

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5011 MICREL-MIC5011 Datasheet
121Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
Protected High- or Low-Side MOSFET Driver
MIC5014-1 MICREL-MIC5014-1 Datasheet
76Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver Final Information
MIC5014 MICREL-MIC5014 Datasheet
85Kb / 9P
Low-Cost High- or Low-Side MOSFET Driver
MIC5016 MICREL-MIC5016 Datasheet
130Kb / 9P
Low-Cost Dual High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011_05 Datasheet
213Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
Protected High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver
MIC5016 MICREL-MIC5016_02 Datasheet
85Kb / 12P
Low-Cost Dual High- or Low-Side MOSFET Driver
logo
Microchip Technology
PIC16F1614 MICROCHIP-PIC16F1614 Datasheet
415Kb / 19P
Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com