Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5013 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5013
Description  Protected High- or Low-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5013 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5013 Datasheet HTML 1Page - Micrel Semiconductor MIC5013 Datasheet HTML 2Page - Micrel Semiconductor MIC5013 Datasheet HTML 3Page - Micrel Semiconductor MIC5013 Datasheet HTML 4Page - Micrel Semiconductor MIC5013 Datasheet HTML 5Page - Micrel Semiconductor MIC5013 Datasheet HTML 6Page - Micrel Semiconductor MIC5013 Datasheet HTML 7Page - Micrel Semiconductor MIC5013 Datasheet HTML 8Page - Micrel Semiconductor MIC5013 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MIC5013
Micrel
MIC5013
2
July 2000
Pin Description (Refer to Figures 1 and 2)
Pin Number
Pin Name
Pin Function
1
Input
Resets current sense latch and turns on power MOSFET when taken above
threshold (3.5V typical). Pin 1 requires <1
µA to switch.
2
Threshold
Sets current sense trip voltage according to:
2200
R
+1000
TRIP
V=
TH
where R
TH to ground is 3.3k to 20kΩ. Adding capacitor CTH increases the
trip voltage at turn-on to 2V. Use C
TH =10µF for a 10ms turn-on time
constant.
3
Sense
The sense pin causes the current sense to trip when V
SENSE is VTRIP above
V
SOURCE. Pin 3 is used in conjunction with a current shunt in the source of
a 3 lead FET or a resistor R
S in the sense lead of a current sensing FET.
4
Source
Reference for the current sense voltage on pin 3 and return for the gate
clamp zener. Connect to the load side of current shunt or kelvin lead of
current sensing FET. Pins 3 and 4 can safely swing to –10V when turning
off inductive loads.
5
Ground
6
Gate
Drives and clamps the gate of the power FET. Pin 6 will be clamped to
approximately –0.7V by an internal diode when turning off inductive loads.
7V+
Supply pin; must be decoupled to isolate from large transients caused by
the power FET drain. 10
µF is recommended close to pins 7 and 5.
8
Fault
Outputs status of protection circuit when pin 1 is high. Fault low indicates
normal operation; fault high indicates current sense tripped.
Absolute Maximum Ratings (Note 1, 2)
Input Voltage, Pin 1
–10 to V+
Threshold Voltage, Pin 2
–0.5 to +5V
Sense Voltage, Pin 3
–10V to V+
Source Voltage, Pin 4
–10V to V+
Current into Pin 4
50mA
Gate Voltage, Pin 6
–1V to 50V
Supply Voltage (V+), Pin 7
–0.5V to 36V
Fault Output Current, Pin 8
–1mA to +1mA
Junction Temperature
150
°C
Operating Ratings (Notes 1, 2)
Power Dissipation
1.25W
θ
JA (Plastic DIP)
100
°C/W
θ
JA (SOIC)
170
°C/W
Ambient Temperature: B version
–40
°C to +85°C
Storage Temperature
–65
°C to +150°C
Lead Temperature
260
°C
(Soldering, 10 seconds)
Supply Voltage (V+), Pin 7
7V to 32V high side
7V to 15V low side
Fault
V+
Gate
1
2
3
4
8
MIC5013
Gnd
7
6
5
Thresh
Sense
Source
Input
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com