Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70592C Datasheet(PDF) 313 Page - Microchip Technology

Part # 70592C
Description  High-Performance, 16-bit Microcontrollers
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70592C Datasheet(HTML) 313 Page - Microchip Technology

Back Button 70592C Datasheet HTML 306Page - Microchip Technology 70592C Datasheet HTML 307Page - Microchip Technology 70592C Datasheet HTML 308Page - Microchip Technology 70592C Datasheet HTML 309Page - Microchip Technology 70592C Datasheet HTML 310Page - Microchip Technology 70592C Datasheet HTML 311Page - Microchip Technology 70592C Datasheet HTML 312Page - Microchip Technology 70592C Datasheet HTML 313Page - Microchip Technology 70592C Datasheet HTML 314Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 313 / 314 page
background image
© 2011 Microchip Technology Inc.
DS70592C-page 313
PIC24HJXXXGPX06A/X08A/X10A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Architecture:
24
=
16-bit Microcontroller
Flash Memory Family: HJ
=
Flash program memory, 3.3V, High-speed
Product Group:
GP2
=
General purpose family
GP3
=
General purpose family
GP5
=
General purpose family
GP6
=
General purpose family
Pin Count:
06
=
64-pin
10
=
100-pin
Temperature Range:
I
=
-40
° C to+85° C(Industrial)
E=
-40
° C to+125° C(Extended)
H=
-40
° C to+150° C(High)
Package:
PT
=
10x10 or 12x12 mm TQFP (Thin Quad Flatpack)
PF
=
14x14 mm TQFP (Thin Quad Flatpack)
MR
=
9x9x0.9 mm QFN (Thin Quad Flatpack)
Pattern:
Three-digit QTP, SQTP, Code or Special Requirements
(blank otherwise)
ES
=
Engineering Sample
Examples:
a)
PIC24HJ256GP210AI/PT:
General-purpose PIC24H, 256 KB program
memory, 100-pin, Industrial temp.,
TQFP package.
b)
PIC24HJ64GP506AI/PT-ES:
General-purpose PIC24H, 64 KB program
memory, 64-pin, Industrial temp.,
TQFP package, Engineering Sample.
Microchip Trademark
Architecture
Flash Memory Family
Program Memory Size (KB)
Product Group
Pin Count
Temperature Range
Package
Pattern
PIC 24 HJ 256 GP6 10 A T I/PT - XXX
Tape and Reel Flag (if applicable)
Revision Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com