Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70592C Datasheet(PDF) 307 Page - Microchip Technology

Part # 70592C
Description  High-Performance, 16-bit Microcontrollers
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70592C Datasheet(HTML) 307 Page - Microchip Technology

Back Button 70592C Datasheet HTML 303Page - Microchip Technology 70592C Datasheet HTML 304Page - Microchip Technology 70592C Datasheet HTML 305Page - Microchip Technology 70592C Datasheet HTML 306Page - Microchip Technology 70592C Datasheet HTML 307Page - Microchip Technology 70592C Datasheet HTML 308Page - Microchip Technology 70592C Datasheet HTML 309Page - Microchip Technology 70592C Datasheet HTML 310Page - Microchip Technology 70592C Datasheet HTML 311Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 314 page
background image
© 2011 Microchip Technology Inc.
DS70592C-page 307
PIC24HJXXXGPX06A/X08A/X10A
INDEX
A
AC Characteristics .................................................... 247, 278
ADC Module.............................................................. 281
ADC Module (10-bit Mode) ....................................... 282
ADC Module (12-bit Mode) ....................................... 281
Internal RC Accuracy ................................................ 249
Load Conditions ................................................ 247, 278
ADC Module
ADC1 Register Map .................................................... 44
ADC2 Register Map .................................................... 44
Alternate Interrupt Vector Table (AIVT) .............................. 71
Analog-to-Digital Converter............................................... 205
DMA .......................................................................... 205
Initialization ............................................................... 205
Key Features............................................................. 205
Arithmetic Logic Unit (ALU)................................................. 30
Assembler
MPASM Assembler................................................... 234
Automatic Clock Stretch.................................................... 166
B
Block Diagrams
16-bit Timer1 Module ................................................ 145
ADC1 Module............................................................ 206
Connections for On-Chip Voltage Regulator............. 222
ECAN Module ........................................................... 180
Input Capture ............................................................ 153
Output Compare ....................................................... 155
PIC24H ....................................................................... 18
PIC24H CPU Core ...................................................... 26
PIC24H Oscillator System Diagram.......................... 125
PIC24H PLL .............................................................. 127
Reset System.............................................................. 67
Shared Port Structure ............................................... 143
SPI ............................................................................ 159
Timer2 (16-bit) .......................................................... 149
Timer2/3 (32-bit) ....................................................... 148
UART ........................................................................ 173
Watchdog Timer (WDT) ............................................ 223
C
C Compilers
MPLAB C18 .............................................................. 234
Clock Switching................................................................. 133
Enabling .................................................................... 133
Sequence.................................................................. 133
Code Examples
Erasing a Program Memory Page............................... 64
Initiating a Programming Sequence............................ 65
Loading Write Buffers ................................................. 65
Port Write/Read ........................................................ 144
PWRSAV Instruction Syntax..................................... 135
Code Protection ........................................................ 217, 224
Configuration Bits.............................................................. 217
Description (Table).................................................... 218
Configuration Register Map .............................................. 217
Configuring Analog Port Pins............................................ 144
CPU
Control Register .......................................................... 27
CPU Clocking System....................................................... 126
PLL Configuration ..................................................... 126
Selection ................................................................... 126
Sources..................................................................... 126
Customer Change Notification Service............................. 303
Customer Notification Service .......................................... 303
Customer Support............................................................. 303
D
Data Address Space........................................................... 33
Alignment.................................................................... 33
Memory Map for PIC24HJXXXGPX06A/X08A/X10A
Devices with 16 KB RAM.................................... 35
Memory Map for PIC24HJXXXGPX06A/X08A/X10A
Devices with 8 KB RAM...................................... 34
Near Data Space ........................................................ 33
Software Stack ........................................................... 55
Width .......................................................................... 33
DC Characteristics............................................................ 238
Doze Current (IDOZE)................................................ 277
High Temperature..................................................... 276
I/O Pin Input Specifications ...................................... 243
I/O Pin Output........................................................... 277
I/O Pin Output Specifications.................................... 245
Idle Current (IDOZE) .................................................. 242
Idle Current (IIDLE) .................................................... 241
Operating Current (IDD) ............................................ 240
Operating MIPS vs. Voltage ..................................... 276
Power-Down Current (IPD)........................................ 242
Power-down Current (IPD) ........................................ 276
Program Memory.............................................. 246, 277
Temperature and Voltage......................................... 276
Temperature and Voltage Specifications.................. 239
Thermal Operating Conditions.................................. 276
Development Support ....................................................... 233
DMA Module
DMA Register Map ..................................................... 45
DMAC Registers............................................................... 116
DMAxCNT ................................................................ 116
DMAxCON................................................................ 116
DMAxPAD ................................................................ 116
DMAxREQ ................................................................ 116
DMAxSTA................................................................. 116
DMAxSTB................................................................. 116
E
ECAN Module
CiFMSKSEL2 register .............................................. 197
ECAN1 Register Map (C1CTRL1.WIN = 0 or 1)......... 46
ECAN1 Register Map (C1CTRL1.WIN = 0)................ 47
ECAN1 Register Map (C1CTRL1.WIN = 1)................ 47
ECAN2 Register Map (C2CTRL1.WIN = 0 or 1)......... 49
ECAN2 Register Map (C2CTRL1.WIN = 0)................ 49
ECAN2 Register Map (C2CTRL1.WIN = 1)................ 50
Frame Types ............................................................ 179
Modes of Operation .................................................. 181
Overview................................................................... 179
ECAN Registers
Filter 15-8 Mask Selection Register (CiFMSKSEL2) 197
Electrical Characteristics .................................................. 237
AC..................................................................... 247, 278
Enhanced CAN Module .................................................... 179
Equations
Device Operating Frequency.................................... 126
FOSC Calculation..................................................... 126
XT with PLL Mode Example ..................................... 127
Errata.................................................................................. 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com