Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70592C Datasheet(PDF) 305 Page - Microchip Technology

Part # 70592C
Description  High-Performance, 16-bit Microcontrollers
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70592C Datasheet(HTML) 305 Page - Microchip Technology

Back Button 70592C Datasheet HTML 301Page - Microchip Technology 70592C Datasheet HTML 302Page - Microchip Technology 70592C Datasheet HTML 303Page - Microchip Technology 70592C Datasheet HTML 304Page - Microchip Technology 70592C Datasheet HTML 305Page - Microchip Technology 70592C Datasheet HTML 306Page - Microchip Technology 70592C Datasheet HTML 307Page - Microchip Technology 70592C Datasheet HTML 308Page - Microchip Technology 70592C Datasheet HTML 309Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 314 page
background image
© 2011 Microchip Technology Inc.
DS70592C-page 305
PIC24HJXXXGPX06A/X08A/X10A
Revision C (March 2011)
This revision includes typographical and formatting
changes throughout the data sheet text. In addition, all
occurrences of VDDCORE have been removed.
All other major changes are referenced by their
respective section in the following table.
TABLE B-2:
MAJOR SECTION UPDATES
Section Name
Update Description
Section 2.0 “Guidelines for Getting Started
with 16-Bit Microcontrollers”
The frequency limitation for device PLL start-up conditions was
updated in Section 2.7 “Oscillator Value Conditions on Device
Start-up”.
The second paragraph in Section 2.9 “Unused I/Os” was updated.
Section 4.0 “Memory Organization”
The All Resets values for the following SFRs in the Timer Register
Map were changed (see Table 4-6):
•TMR1
•TMR2
•TMR3
•TMR4
•TMR5
•TMR6
•TMR7
•TMR8
•TMR9
Section 9.0 “Oscillator Configuration”
Added Note 3 to the OSCCON: Oscillator Control Register (see
Register 9-1).
Added Note 2 to the CLKDIV: Clock Divisor Register (see
Register 9-2).
Added Note 1 to the PLLFBD: PLL Feedback Divisor Register (see
Register 9-3).
Added Note 2 to the OSCTUN: FRC Oscillator Tuning Register (see
Register 9-4).
Section 20.0 “10-bit/12-bit Analog-to-Digital
Converter (ADC)”
Updated the VREFL references in the ADC1 module block diagram
(see Figure 20-1).
Section 21.0 “Special Features”
Added a new paragraph and removed the third paragraph in
Section 21.1 “Configuration Bits”.
Added the column “RTSP Effects” to the Configuration Bits
Descriptions (see Table 21-2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com