Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70592C Datasheet(PDF) 304 Page - Microchip Technology

Part # 70592C
Description  High-Performance, 16-bit Microcontrollers
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70592C Datasheet(HTML) 304 Page - Microchip Technology

Back Button 70592C Datasheet HTML 300Page - Microchip Technology 70592C Datasheet HTML 301Page - Microchip Technology 70592C Datasheet HTML 302Page - Microchip Technology 70592C Datasheet HTML 303Page - Microchip Technology 70592C Datasheet HTML 304Page - Microchip Technology 70592C Datasheet HTML 305Page - Microchip Technology 70592C Datasheet HTML 306Page - Microchip Technology 70592C Datasheet HTML 307Page - Microchip Technology 70592C Datasheet HTML 308Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 314 page
background image
PIC24HJXXXGPX06A/X08A/X10A
DS70592C-page 304
© 2011 Microchip Technology Inc.
APPENDIX B: REVISION HISTORY
Revision A (April 2009)
This is the initial release of this document.
Revision B (October 2009)
The revision includes the following global update:
• Added Note 2 to the shaded table that appears at
the beginning of each chapter. This new note
provides information regarding the availability of
registers and their associated bits
This revision also includes minor typographical and
formatting changes throughout the data sheet text.
All other major changes are referenced by their
respective section in the following table.
TABLE B-1:
MAJOR SECTION UPDATES
Section Name
Update Description
“High-Performance, 16-bit
Microcontrollers”
Added information on high temperature operation (see “Operating
Range:”).
Section 10.0 “Power-Saving Features”
Updated the last paragraph to clarify the number of cycles that occur
prior to the start of instruction execution (see Section 10.2.2 “Idle
Mode”).
Section 11.0 “I/O Ports”
Changed the reference to digital-only pins to 5V tolerant pins in the
second paragraph of Section 11.2 “Open-Drain Configuration”.
Section 18.0 “Universal Asynchronous
Receiver Transmitter (UART)”
Updated the two baud rate range features to: 10 Mbps to 38 bps at
40 MIPS.
Section 20.0 “10-bit/12-bit Analog-to-Digital
Converter (ADC)”
Updated the ADCx block diagram (see Figure 20-1).
Section 21.0 “Special Features”
Updated the second paragraph and removed the fourth paragraph in
Section 21.1 “Configuration Bits”.
Updated the Device Configuration Register Map (see Table 21-1).
Section 24.0 “Electrical Characteristics”
Updated the Absolute Maximum Ratings for high temperature and
added Note 4.
Updated Power-Down Current parameters DC60d, DC60a, DC60b,
and DC60d (see Table 24-7).
Added I2Cx Bus Data Timing Requirements (Master Mode)
parameter IM51 (see Table 24-36).
Updated the SPIx Module Slave Mode (CKE = 1) Timing
Characteristics (see Figure 24-12).
Updated the Internal LPRC Accuracy parameters (see Table 24-18
and Table 24-19).
Updated the ADC Module Specifications (12-bit Mode) parameters
AD23a and AD24a (see Table 24-40).
Updated the ADC Module Specifications (10-bit Mode) parameters
AD23b and AD24b (see Table 24-41).
Section 25.0 “High Temperature Electrical
Characteristics”
Added new chapter with high temperature specifications.
“Product Identification System”
Added the “H” definition for high temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com