Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003GML Datasheet(PDF) 37 Page - Micrel Semiconductor

Part # MIC3003GML
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GML Datasheet(HTML) 37 Page - Micrel Semiconductor

Back Button MIC3003GML Datasheet HTML 33Page - Micrel Semiconductor MIC3003GML Datasheet HTML 34Page - Micrel Semiconductor MIC3003GML Datasheet HTML 35Page - Micrel Semiconductor MIC3003GML Datasheet HTML 36Page - Micrel Semiconductor MIC3003GML Datasheet HTML 37Page - Micrel Semiconductor MIC3003GML Datasheet HTML 38Page - Micrel Semiconductor MIC3003GML Datasheet HTML 39Page - Micrel Semiconductor MIC3003GML Datasheet HTML 40Page - Micrel Semiconductor MIC3003GML Datasheet HTML 41Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
37
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Test and Calibration Features
Numerous features are included in the MIC3003 to
facilitate development, testing, and diagnostics. These
features are available via registers in the OEM area. As
shown in Table 22, these features include:
Function
Description
Control
Register(s)
Analog loop-back
Provides analog visibility of op-amp and DAC outputs via the ADC
OEMCFG0
Fault comparator disable control
Disables the fault comparator
OEMCAL0
Fault comparator spin-on-channel
mode
Selects a single fault comparator channel
OEMCAL0
Fault comparator output read-back
Allows host to read individual fault comparator outputs
OEMRD
TRSOUT, /INT read-back
Allows host to read the state of these pins
OEMRD
Inhibit EEPROM write cycles
Speeds repetitive writes to registers backed up by NVRAM
OEMCAL0
APC calibration mode
Allows direct writes to MODDAC and APCDAC (temperature
compensation not used)
OEMCAL0
Continuity checking
Forcing of RXLOS, TXFAULT, /INT
OEMCAL0
Halt A/D
Stops A/D conversions; ADC in one-shot mode
OEMCAL1
ADC idle flag
Indicates ADC status
OEMCAL1
A/D one-shot mode
Performs a single A/D conversion on the selected input channel
OEMCAL1
A/D spin-on-channel mode
Selects a single input channel
OEMCAL1
Channel selection
Selects ADC or fault comparator channel for spin-on-channel
modes
OEMCAL1
LUT index read-back
Permits visibility of the LUT index calculated by the state-machine
LUTINDX
Manufacturer and device ID registers
Facilitates presence detection and version control
MFG_ID,
DEV_ID
Table 22. Test and Diagnostic Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com