Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003GML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC3003GML
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC3003GML Datasheet HTML 1Page - Micrel Semiconductor MIC3003GML Datasheet HTML 2Page - Micrel Semiconductor MIC3003GML Datasheet HTML 3Page - Micrel Semiconductor MIC3003GML Datasheet HTML 4Page - Micrel Semiconductor MIC3003GML Datasheet HTML 5Page - Micrel Semiconductor MIC3003GML Datasheet HTML 6Page - Micrel Semiconductor MIC3003GML Datasheet HTML 7Page - Micrel Semiconductor MIC3003GML Datasheet HTML 8Page - Micrel Semiconductor MIC3003GML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
MIC3003
FOM Management IC
with Internal Calibration
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2009
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
General Description
The MIC3003 is a fiber optic module controller which
enables the implementation of sophisticated, hot-pluggable
fiber optic transceivers with intelligent laser control and an
internally calibrated Digital Diagnostic Monitoring Interface
per SFF-8472. It essentially integrates all non-datapath
functions of an SFP transceiver into a tiny (4mm x 4mm)
MLF
® package. It also works well as a microcontroller
peripheral in transponders or 10Gbps transceivers.
A highly configurable automatic power control (APC) circuit
controls laser bias. Bias and modulation are temperature
compensated using dual DACs, an on-chip temperature
sensor, and NVRAM look-up tables. A programmable
internal feedback resistor provides a wide dynamic range
for the APC. Controlled laser turn-on facilitates hot
plugging.
An analog-to-digital converter converts the measured
temperature, voltage, bias current, transmit power, and
received power from analog to digital. An EEPOT provides
front-end adjustment of RX power. Each parameter is
compared against user-programmed warning and alarm
thresholds. Analog comparators and DACs provide fast
monitoring of received power and critical laser operating
parameters. Data can be reported as either internally
calibrated or externally calibrated.
An interrupt output, power-on hour meter, and data-ready
bits add user friendliness beyond SFF-8472. The interrupt
output and data-ready bits reduce overhead in the host
system. The power-on hour meter logs operating hours
using an internal real-time clock and stores the result in
NVRAM.
In addition to the features listed above which are already
implemented in the previous MIC300x controllers, the
MIC3003 features an extended temperature range, options
to mask alarms and warnings interrupt and TXFAULT, a
reset signal source, and the ability to support up to four
chips with the same address on the serial interface. It also
supports eight-byte SMBus block writes.
Communication with the MIC3003 is via an industry
standard 2-wire SMBus serial interface. Nonvolatile
memory is provided for serial ID, configuration, and
separate OEM and user scratchpad spaces.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Extended temperature range
• Alarms and warnings interrupt and TXFAULT masks
• Capability to support up to four MIC3003 on one SMBus
• APC or constant-current laser bias
• Turbo mode for APC loop start-up and shorter laser turn
on time
• Supports multiple laser types and bias circuit topologies
• Integrated digital temperature sensor
• Temperature compensation of modulation, bias, bias fault
and alarm thresholds via NVRAM look-up tables
• NVRAM to support GBIC/SFP serial ID function
• User writable EEPROM scratchpad
• Reset signal compatible with some new systems
requirements
• Diagnostic monitoring interface per SFF-8472
– Monitors and reports critical parameters:
temperature, bias current, TX and RX optical power,
and supply voltage
– S/W control and monitoring of TXFAULT, RXLOS,
RATESELECT, and TXDISABLE
– Internal or external calibration
– EEPOT for adjusting RX power measurement
• Power-on hour meter
• Interrupt capability
• Extensive test and calibration features
• 2-wire SMBus-compatible serial interface
• SFP/SFP+ MSA and SFF-8472 compliant
• 3.0V to 3.6V power supply range
• 5V-tolerant I/O
• Available in (4mm x 4mm) 24-pin MLF
® package
Applications
• SFP/SFP+ optical transceivers
• SONET/SDH transceivers and transponders
• Fibre Channel transceivers
• 10Gbps transceivers
• Free space optical communications
• Proprietary optical links


Similar Part No. - MIC3003GML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3003GML MICREL-MIC3003GML Datasheet
755Kb / 75P
FOM Management IC with Internal Calibration
MIC3003GMLTR MICREL-MIC3003GMLTR Datasheet
755Kb / 75P
FOM Management IC with Internal Calibration
More results

Similar Description - MIC3003GML

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Micrel Semiconductor
MIC3001 MICREL-MIC3001 Datasheet
357Kb / 74P
SFP Management IC with Internal Calibration
logo
Texas Instruments
CDCE401 TI-CDCE401 Datasheet
311Kb / 19P
OSCILLATOR IC WITH ELECTRONIC CALIBRATION
logo
Micrel Semiconductor
MIC3002 MICREL-MIC3002 Datasheet
1Mb / 65P
FOM Management IC with Internal Calibr ation
MIC3003 MICREL-MIC3003 Datasheet
755Kb / 75P
FOM Management IC with Internal Calibration
MIC3001 MICREL-MIC3001_11 Datasheet
1Mb / 76P
FOM Management IC with Internal Calibration
MIC3003GFL MICREL-MIC3003GFL Datasheet
752Kb / 74P
FOM Management IC with Internal Calibration
MIC3002 MICREL-MIC3002_10 Datasheet
1Mb / 65P
FOM Management IC with Internal Calibration
MIC3000 MICREL-MIC3000_07 Datasheet
452Kb / 68P
FOM Management IC
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
internal RC oscillator calibration
20-Jan-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com