Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR39MF22YIPF Datasheet(PDF) 8 Page - Sharp Corporation

Part # PR39MF22YIPF
Description  Zero Cross type DIP 8pin Triac output SSR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR39MF22YIPF Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PR39MF22YIPF Datasheet HTML 4Page - Sharp Corporation PR39MF22YIPF Datasheet HTML 5Page - Sharp Corporation PR39MF22YIPF Datasheet HTML 6Page - Sharp Corporation PR39MF22YIPF Datasheet HTML 7Page - Sharp Corporation PR39MF22YIPF Datasheet HTML 8Page - Sharp Corporation PR39MF22YIPF Datasheet HTML 9Page - Sharp Corporation PR39MF22YIPF Datasheet HTML 10Page - Sharp Corporation PR39MF22YIPF Datasheet HTML 11Page - Sharp Corporation PR39MF22YIPF Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
PR29MF21NSZ Series
PR39MF2xNSZ Series
Fig.9-a Turn-on Time vs.
Forward Current (Rank 1)
Fig.9-b Turn-on Time vs.
Forward Current (Rank 2)
Sheet No.: D4-A00701EN
Remarks : Please be aware that all data in the graph are just for reference.
Fig.8 ON-state Current vs. ON-state Voltage
100
10
1
100
VD
=6V
RL=100
Ω
Ta
=25˚C
10
20
30
40
50
Forward current IF (mA)
0
0.3
0.6
0.9
1.2
1.5
0
0.5
1.0
1.5
ON-state voltage VT (V)
IF
=20mA
Ta
=25˚C
Fig.7 Zero-cross Voltage vs.
Ambient Temperature
0
10
5
15
−30
0
100
50
Ambient temperature Ta (˚C)
Resistance load,
IF
=15mA : Rank 1
IF
=10mA : Rank 2
Fig.5 ON-state Voltage vs.
Ambient Temperature
Fig.6 Relative Holding Current vs.
Ambient Temperature
0.6
0.8
0.7
1
0.9
1.1
1.2
−30
0
20
406080
100
Ambient temperature Ta (˚C)
IT
=0.9A
10
100
1 000
−30
0
20
406080
100
Ambient temperature Ta (˚C)
VD
=6V
100
10
1
VD
=6V
RL
=100Ω
Ta
=25˚C
Forward current IF (mA)
100
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com