Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR39MF22YIPF Datasheet(PDF) 5 Page - Sharp Corporation

Part # PR39MF22YIPF
Description  Zero Cross type DIP 8pin Triac output SSR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR39MF22YIPF Datasheet(HTML) 5 Page - Sharp Corporation

  PR39MF22YIPF Datasheet HTML 1Page - Sharp Corporation PR39MF22YIPF Datasheet HTML 2Page - Sharp Corporation PR39MF22YIPF Datasheet HTML 3Page - Sharp Corporation PR39MF22YIPF Datasheet HTML 4Page - Sharp Corporation PR39MF22YIPF Datasheet HTML 5Page - Sharp Corporation PR39MF22YIPF Datasheet HTML 6Page - Sharp Corporation PR39MF22YIPF Datasheet HTML 7Page - Sharp Corporation PR39MF22YIPF Datasheet HTML 8Page - Sharp Corporation PR39MF22YIPF Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
■ Electro-optical Characteristics
Parameter
Symbol
Unit
Input
Output
(Ta
=25˚C)
Forward voltage
Reverse current
Repetitive peak OFF-state current
ON-state voltage
Holding current
Critical rate of rise of OFF-state voltage
Zero cross voltage
Minimum trigger current
Isolation resistance
Turn-on time
Conditions
MIN.
TYP.
MAX.
Transfer
charac-
teristics
Rank 1
Rank 2
Rank 1
Rank 2
Rank 1
Rank 2
VF
IR
IDRM
VT
IH
dV/dt
VOX
IFT
RISO
ton
V
µA
µA
V
mA
V/
µs
V
mA
Ω
µs
IF
=20mA
VR
=3V
VD
=VDRM
IT
=0.9A
VD
=6V
VD
=1/√
−
2 ·VDRM
IF
=15mA, Resistance load
IF
=10mA, Resistance load
VD
=6V, RL=100Ω
DC500V,40 to 60%RH
IF
=20mA, VD=6V, RL=100Ω
IF
=10mA, VD=6V, RL=100Ω
−
−
−
−
−
100
−
−
−
5
×10
10
−
1.2
−
−
−
−
−
−
−
−
1011
−
1.4
10
100
3.0
25
−
35
10
5
−
50
■ Absolute Maximum Ratings
5
Parameter
Symbol
Rating
Unit
Input
Output
(Ta
=25˚C)
Forward current
Reverse voltage
RMS ON-state current
Peak one cycle surge current
Repetitive
peak OFF-state voltage
Isolation voltage
Operating temperature
Storage temperature
Soldering temperature
*2
*1
IF
VR
IT(rms)
Isurge
VDRM
Viso(rms)
Topr
Tstg
Tsol
mA
V
A
A
V
kV
˚C
˚C
˚C
*4
*3
*3
*5
50
6
0.9
9
400
600
4.0
−30 to +85
−40 to +125
270
*1 40 to 60%RH, AC for 1minute, f
=60Hz
*2 For 10s
*3 Refer to Fig.1, Fig.2
*4 f
=50Hz sine wave
*5 Lead solder plating models: 260˚C
PR29MF21NSZ
PR39MF2xNSZ
PR29MF21NSZ Series
PR39MF2xNSZ Series
Soldering area
Sheet No.: D4-A00701EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com