Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT100MF1MP1 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PT100MF1MP1
Description  Phototransistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT100MF1MP1 Datasheet(HTML) 2 Page - Sharp Corporation

  PT100MF1MP1 Datasheet HTML 1Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 2Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 3Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 4Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 5Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 6Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 7Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 8Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Sheet No.: D1-A01601EN
2
PT100MF1MP1
■ Outline Dimensions
Do not wire in this area
1. Unspecified tolerance: ±0.2 mm
2. Dimensions in parenthesis are shown for reference
3.
area: Au Plating
4.
5. Resin burr are not included in outline dimensions
6. Package: Black (Visible light cut-off epoxy resin)
7. Unit: mm
(Center of lens)
Side view (from PCB)
Top view (from PCB)
Collector
NOTES:
Terminal connection
3.0
2.8
1.5
2.2
(1.0)
(1.0)
(0.57)
(0.92)
3.0
3.0
R0.8
1.1
1.1
1.1
1.5
1.1
1.5
12
1
2
1
2
Emitter
No.
Pin Arrangement
Name



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com