Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT100MF1MP1 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PT100MF1MP1
Description  Phototransistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT100MF1MP1 Datasheet(HTML) 3 Page - Sharp Corporation

  PT100MF1MP1 Datasheet HTML 1Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 2Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 3Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 4Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 5Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 6Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 7Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 8Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Sheet No.: D1-A01601EN
3
PT100MF1MP1
■ Absolute Maximum Ratings
*1 10 s (MAX.) see reflow profile on page 8.
■ Electro-optical Charactertistics
*1 Ee: Illuminance by CIE standard light source A (tungsten lamp)
Parameter
Symbol
Rating
Unit
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
20
mA
Collector power dissipation
PC
75
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to+ 95
°C
Soldering temperature *1
Tsol
240
°C
Parameter
Symbol
Conditions *1
MIN.
TYP.
MAX.
Unit
Collector current
IC
Ee = 0.01 mW/cm2, VCE = 5 V
0.2
–
1.2
mA
Dark current
ICEO
Ee = 0, VCE = 10 V
–
–
1.0
µA
Collector-emitter saturation voltage
VCE(sat)
Ee = 1 mW/cm2, Ic = 0.8 mA
–
–
1.0
V
Collector-emitter breakdown voltage
BVCEO
IC = 0.1 mA, Ee = 0
35
–
–
V
Emitter-collector breakdown voltage
BVECO
IE = 0.01 mA, Ee = 0
6
–
–
V
Peak sensitivity wavelength
λp
–
–
860
–
nm
Response time (Rise)
tr
VCE = 2 V, IC = 5 mA,
RL = 100
Ω
–
400
2,000
µs
Response time (Fall)
tf
–
300
1,500
µs
Half intensity angle
Δθ
––
±15
–
°
(Ta = 25°C)
(Ta = 25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com